Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU95101 Datasheet(PDF) 7 Page - Rohm

Part # BU95101
Description  Drivers for Large LCD Panels
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU95101 Datasheet(HTML) 7 Page - Rohm

Back Button BU95101 Datasheet HTML 3Page - Rohm BU95101 Datasheet HTML 4Page - Rohm BU95101 Datasheet HTML 5Page - Rohm BU95101 Datasheet HTML 6Page - Rohm BU95101 Datasheet HTML 7Page - Rohm BU95101 Datasheet HTML 8Page - Rohm BU95101 Datasheet HTML 9Page - Rohm BU95101 Datasheet HTML 10Page - Rohm BU95101 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Technical Note
7/14
BU95101
www.rohm.com
2010.10 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
●
Pin descriptions
Pin Name
In/Out
Active
Descriptions
D00P/N ~ D02P/N
D10P/N ~ D12P/N
D20P/N ~ D22P/N
In
Differential
RSDS input terminals of display data
The 3-bit differential input pairs generate the internal 6-bit data through the
comparison between DXXP and DXXN.
CLKP/N
In
Differential The RSDS clock input pair generate the internal shift clock through the
comparison between CLKP and CLKN.
Y1 ~ Y384
Out
-
Driver outputs for D/A converted 64 gray scale analog voltage.
R/L
In
-
The shift direction of internal shift register is controlled by this pin as shown below.
R/L=H : Right shift SFTR→Y1→Y384→SFTL
R/L=L : Left shift SFTL→Y384→Y1→SFTR
SFTR
In/Out
H
SFTR=H:Right shift start pulse input terminal in cascade connection.
SFTR=L:Carry output terminal in cascade connection.
SFTL
In/Out
H
SFTL=H:Carry output terminal in cascade connection.
SFTL=L:Left shift start pulse input terminal in cascade connection.
STB
In
The data in the data register are transferred to the data latch at the rising edge
of STB, then the gray scale voltages are output from the buffer at the falling
edge of STB.
INV
In
H
Terminal to specify inverting or non-inverting of display data
INV:H : Input data are inverted in the IC.
INV:L : Input data are not inverted.
V1 ~ V10
In
-
Input for the γ-correction reference voltage
The following external reference voltages are input.
POL
In
-
At the rising edge of STB, the state of POL are transferred to the driver.
POL=H : The reference voltage for odd number outputs are V1 to V5
and those for even number outputs are V6 to V10.
POL=L : The reference voltage for odd number outputs are V6 to V10
and those for even number outputs are V1 to V5
IREP1,2
In
-
Repair amplifier input
OREP1,2
Out
-
Repair amplifier output
AVDD
In
-
Power supply for driver block
AVSS
In
-
Ground for AVDD
DVDD
In
-
Power supply for digital block
DVSS
In
-
Ground for DVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com