Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU95303 Datasheet(PDF) 7 Page - Rohm

Part # BU95303
Description  6bit RSDS Source Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU95303 Datasheet(HTML) 7 Page - Rohm

Back Button BU95303 Datasheet HTML 3Page - Rohm BU95303 Datasheet HTML 4Page - Rohm BU95303 Datasheet HTML 5Page - Rohm BU95303 Datasheet HTML 6Page - Rohm BU95303 Datasheet HTML 7Page - Rohm BU95303 Datasheet HTML 8Page - Rohm BU95303 Datasheet HTML 9Page - Rohm BU95303 Datasheet HTML 10Page - Rohm BU95303 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Technical Note
7/14
BU95303
www.rohm.com
2010.10 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
●
Pin Descriptions
Pin Name
In/Out
Active
Descriptions
D00P/N ~ D02P/N
D10P/N ~ D12P/N
D20P/N ~ D22P/N
In
Differential
RSDS
TM input terminals of display data
The 3-bit differential input pairs generate the internal 6-bit data through the
comparison between DXXP and DXXN.
CLKP/N
In
Differential The RSDS
TM clock input pair generate the internal shift clock through the
comparison between CLKP and CLKN.
Y1 ~ Y432
Out
-
Driver outputs for D/A converted 64 gray scale analog voltage.
R/L
In
-
The shift direction of internal shift register is controlled by this pin as shown below.
R/L=H : Right shift SFTR→Y1→Y432→SFTL
R/L=L : Left shift SFTL→Y432→Y1→SFTR
SEL0
SEL1
In
-
The output channel number is controlled by this pin as shown below.
SEL1
SEL0
Number of effective
output terminal
Invalid output terminal
H
H
384
Y193 ~ Y240 become Hi-Z
H
L
414
Y208 ~ Y225 become Hi-Z
L
H
420
Y211 ~ Y222 become Hi-Z
L
L
432(default)
-
This pin is pulled down to the DVSS inside the IC.
LPC0
LPC1
In
H
Low power control pin
LPC1
LPC0
power condition
H
H
Strong power
H
L
Normal power
L
H
Ultra-low power
L
L
Low power(default).
This pin is pulled down to the DVSS inside the IC.
SFTR
In/Out
H
SFTR=H: Right shift start pulse input terminal in cascade connection.
SFTR=L: Carry output terminal in cascade connection.
SFTL
In/Out
H
SFTL=H: Carry output terminal in cascade connection.
SFTL=L: Left shift start pulse input terminal in cascade connection.
STB
In
The data in the data register are transferred to the data latch at the rising edge of STB,
then the gray scale voltages are output from the buffer at the falling edge of STB.
INV
In
H
Terminal to specify inverting or non-inverting of display data
INV:H : Input data are inverted in the IC.
INV:L : Input data are not inverted.
V0 ~ V13
In
-
Input for the γ-correction reference voltage
The following external reference voltages are input.
POL
In
-
At the rising edge of STB, the state of POL are transferred to the driver.
POL=H : The reference voltage for odd number outputs are V0 to V6 and those
for even number outputs are V7 to V13.
POL=L : The reference voltage for odd number outputs are V7 to V13 and those
for even number outputs are V0 to V6
IREP1,2
In
-
Repair amplifier input
OREP1,2
Out
-
Repair amplifier output
AVDD
In
-
Power supply for driver block
AVSS
In
-
Ground for AVDD
DVDD
In
-
Power supply for digital block
DVSS
In
-
Ground for DVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com