Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2W2001YK Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP2W2001YK
Description  IrDA Control Infrared Transceiver for Peripheral Type 1
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W2001YK Datasheet(HTML) 2 Page - Sharp Corporation

  GP2W2001YK Datasheet HTML 1Page - Sharp Corporation GP2W2001YK Datasheet HTML 2Page - Sharp Corporation GP2W2001YK Datasheet HTML 3Page - Sharp Corporation GP2W2001YK Datasheet HTML 4Page - Sharp Corporation GP2W2001YK Datasheet HTML 5Page - Sharp Corporation GP2W2001YK Datasheet HTML 6Page - Sharp Corporation GP2W2001YK Datasheet HTML 7Page - Sharp Corporation GP2W2001YK Datasheet HTML 8Page - Sharp Corporation GP2W2001YK Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ELECTRONIC COMPONENTS
SHARP IrDA Control Infrared Transceiver
SHARP Electronic Components
2
Rev. 1.1.1 November 26, ‘98
Record of Modification and Revision
Version
Issue Date
Comments
0.9
October 17th, 1997
First Edition
0.92
February 23rd, 1998
Outline Dimensions Modified
0.95
March 31st, 1998
Name of compliant standard changed to “IrDA Control”
Compliant Specification is limited to “IrDA Control Peripheral Type 1”.
0.96
April 1st, 1998
Outline Dimension Modified (Eliminate Shield of Front).
1.0
August 25th, 1998
Outline Dimension and Absolute Maximum Rating Modified
1.1
November 6th, 1998
Outline Dimension and Recommended Circuit Modified
1.1.1
November 26th, 1998
Recommended Operating Conditions Modified
(Preliminary Information Disclaimer)
This document includes a “Preliminary Information” of Sharp IrDA Control Infrared Transceiver (for IrDA Control
Peripheral Type 1). Any of information under this document, such as Specifications and outline dimensions, are
applicable only for reference purpose, and Sharp hold all rights to change or alter prices at any time without notice.
In absence of confirmation by device Specification Sheets, SHARP takes no responsibility for any defects that occur in
equipment using any of SHARP’s device, shown in catalogues, data books, Preliminary Information, etc. Contact
SHARP, or SHARP local representatives in order to obtain the latest version of the device Specification Sheets before
using any SHARP’s devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com