Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA933AS-Q Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SA933AS-Q
Description  PNP Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SA933AS-Q Datasheet(HTML) 1 Page - Micro Commercial Components

  2SA933AS-Q Datasheet HTML 1Page - Micro Commercial Components 2SA933AS-Q Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PNP
Plastic-Encapsulate
Transistors
Features
•
Power dissipation: PCM = 0.2W(Tamb=25 )
•
Collector current: ICM = -0.15A
•
Collector-base voltage: V(BR)CBO =-60V
•
Operating and storage junction temperature range
TJ, Tstg: -55
to + 150
Electrical Characteristics @ 25
Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Unit
VCEO
Collector-Emitter Voltage
(IC=-50
­A, IE=0)
-50
---
---
V
VCBO
Collector-Base Voltage
(IC=-1
­A, IB=0)
-60
---
---
V
VEBO
Emitter-Base Voltage
(IE=-50
­A, IC=0)
-6.0
---
---
V
ICBO
Collector cut-off Current
(VCB=-20V, IE=0)
---
---
-0.1
­A
IEBO
Emitter cut-off Current
(VEB=-5V, IC=0)
---
---
-0.1
­A
hFE
DC current gain
(VCE=-2V, IC=-0.1A)
120
---
560
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-2A, IB=-0.1A)
---
---
-0.5
V
fT
Transition Frequency
(VCE=2.0Vdc, IC=0.5Adc)
120
---
---
MHz
CLASSIFICATION OF hFE
Rank
Q
R
S
Range
120-270
180-390
270-560
AE
B
C
D
G
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.16
4.00
B
.12
3.00
C
.59
---
15.00
---
D
.02
0.45
E
.08
2.00
G
.20
5.00
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
4
200
8/02/01
1
2
3
1.EMITTER
3.BASE
2.COLLECTOR
TM
Micro Commercial Components
TO-92S
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0 and MSL rating 1
www.mccsemi.com
1 of 2
Marking: type number
2SA933AS-Q
2SA933AS-R
2SA933AS-S
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
Compliant. See ordering information)


Similar Part No. - 2SA933AS-Q

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SA933AS-Q MCC-2SA933AS-Q Datasheet
373Kb / 2P
PNP Plastic-Encapsulate Transistors
2SA933AS-Q MCC-2SA933AS-Q_13 Datasheet
373Kb / 2P
PNP Plastic-Encapsulate Transistors
More results

Similar Description - 2SA933AS-Q

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
BC856BM MCC-BC856BM Datasheet
523Kb / 4P
PNP Plastic-Encapsulate Transistors
BCP69-16 MCC-BCP69-16 Datasheet
460Kb / 3P
PNP Plastic-Encapsulate Transistors
MC818B MCC-MC818B Datasheet
514Kb / 4P
PNP Plastic-Encapsulate Transistors
2SB1132-P MCC-2SB1132-P_17 Datasheet
542Kb / 4P
PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com