Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1774-R Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SA1774-R
Description  PNP Silicon Epitaxial Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SA1774-R Datasheet(HTML) 1 Page - Micro Commercial Components

  2SA1774-R Datasheet HTML 1Page - Micro Commercial Components 2SA1774-R Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PNP Silicon
Epitaxial Transistor
Features
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
SOT-523
2SA1774-Q
2SA1774-R
2SA1774-S
Maximum Ratings @ Ta = 25
(unless otherwise noted)
Symbol
Parameter
Value
Unit
IC
Collector Current
-0.15
A
PD
Total Device Dissipation
0.15
W
TJ
Junction Temperature
150
TSTG
Storage Temperature Range
-55 to +150
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=-1mAdc,IB=0)
-50
V
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=-50uAdc,IE=0)
-60
V
V(BR)EBO
Collector-Base Breakdown Voltage
(IE=-50uAdc,IC=0)
-7.0
V
ICBO
Collector-Base Cutoff Current
(VCB=-60Vdc, IE=0)
-0.1
µAdc
IEBO
Emitter-Base Cutoff Current
(VEB=-6.0Vdc, IC=0)
-0.1
uAdc
ON CHARACTERISTICS
HFE
DC Current Gain
(IC=-1.0mAdc, VCE=-6.0Vdc)
120
560
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-5.0mAdc, IB=-5.0mAdc)
-0.5
Vdc
FT
Transition Frequency
(VCE=-12Vdc,IC=-2mAdc,f=30MHZ)
140(Typ)
MHZ
Cob
Collector Output Capacitance
(VCB=-12Vdc,IC=0Adc,f=1MHZ)
5
PF
CLASSIFICATION OF
hFE
Rank
Q
R
S
Range
120-270
180-390
270-560
Marking
FQ
FR
FS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.059
.067
1.50
1.70
B
.030
.033
0.75
0.85
C
.057
.069
1.45
1.75
D
.020 Nominal
0.50Nominal
E
.035
.043
0.90
1.10
G
.000
.004
.000
.100
H
.028
.031
.70
0.80
J
.004
.008
.100
.200
K
.010
.014
.25
.35
A
C
B
D
E
G
H
J
DIMENSIONS
K
E
B
C
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Small Package
•
Mounting:any position
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1


Similar Part No. - 2SA1774-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SA1774-R MCC-2SA1774-R Datasheet
265Kb / 2P
PNP Silicon Epitaxial Transistor
logo
Guangdong Kexin Industr...
2SA1774-R KEXIN-2SA1774-R Datasheet
1Mb / 2P
PNP Transistors
More results

Similar Description - 2SA1774-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com