Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1260-R Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SB1260-R
Description  PNP Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SB1260-R Datasheet(HTML) 1 Page - Micro Commercial Components

  2SB1260-R Datasheet HTML 1Page - Micro Commercial Components 2SB1260-R Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SB1260-P
PNP
Plastic-Encapsulate
Transistors
Features
•
Power dissipation: PCM = 0.5W(Tamb=25 )
•
Collector current: ICM = -1A
•
Collector-base voltage: V(BR)CBO = -80V
•
Operating and storage junction temperature range
TJ, Tstg: -55
to + 150
Electrical Characteristics @ 25
Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Unit
V(BR)CEO
Collector-Emitter Breakdown Voltage
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=-50
­A, IE=0)
-80
V(BR)EBO
Emitter-Base Breakdown Voltage
ICBO
Collector cut-off Current
(VCB=-60V, IE=0)
---
---
-1.0
IEBO
Emitter cut-off Current
(VEB=-4V, IC=0)
---
---
-1.0
hFE
DC current gain
(VCE=-3V, IC=-0.1A)
82
---
390
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-0.5A, IB=-0.05A)
fT
Transition Frequency
(VCE=-5.0Vdc, IC=-0.05Adc,F=30MHZ)
CLASSIFICATION OF hFE
Rank
P
Q
R
Range
82-180
120-270
180-390
Marking
ZL




 

 
 


























































SOT-89
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
E
B
C
MHZ
---
---
-80
uA
V
uA
(IC=-1mA, IB=0)
(IE=-50
­A, IC=0)
---
---
---
---
---
-5.0
V
V
V
80
---
---
---
-0.4

www.mccsemi.com
1 of 2
B
A
E
D
G
H
F
K
J
C
1
2
3
1.Base


2.Collector
3.Emitter
2SB1260-Q
2SB1260-R
4.25
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1


Similar Part No. - 2SB1260-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SB1260-R KEXIN-2SB1260-R Datasheet
1,013Kb / 2P
PNP Transistors
logo
Micro Commercial Compon...
2SB1260-R MCC-2SB1260-R Datasheet
206Kb / 2P
PNP Plastic-Encapsulate Transistors
logo
Shenzhen Luguang Electr...
2SB1260-R LUGUANG-2SB1260-R Datasheet
1Mb / 2P
Plastic-encapsulate PNP Transistors
Revision:20170701-P1
logo
Unisonic Technologies
2SB1260-R-AB3-B UTC-2SB1260-R-AB3-B Datasheet
57Kb / 4P
POWER TRANSISTOR
2SB1260-R-AB3-K UTC-2SB1260-R-AB3-K Datasheet
57Kb / 4P
POWER TRANSISTOR
More results

Similar Description - 2SB1260-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
BC856BM MCC-BC856BM Datasheet
523Kb / 4P
PNP Plastic-Encapsulate Transistors
BCP69-16 MCC-BCP69-16 Datasheet
460Kb / 3P
PNP Plastic-Encapsulate Transistors
MC818B MCC-MC818B Datasheet
514Kb / 4P
PNP Plastic-Encapsulate Transistors
2SB1132-P MCC-2SB1132-P_17 Datasheet
542Kb / 4P
PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com