Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1386-R Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SB1386-R
Description  PNP Silicon Epitaxial Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SB1386-R Datasheet(HTML) 1 Page - Micro Commercial Components

  2SB1386-R Datasheet HTML 1Page - Micro Commercial Components 2SB1386-R Datasheet HTML 2Page - Micro Commercial Components 2SB1386-R Datasheet HTML 3Page - Micro Commercial Components 2SB1386-R Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SB1386-P
PNP Silicon
Epitaxial Transistors
Features
Low Collector Saturation Voltage
Execllent current-to-gain characteristics
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
-20
V
VCBO
Collector-Base Voltage
-30
V
VEBO
Emitter-Base Voltage
-6.0
V
IC
Collector Current
-2.0
A
PC
Collector power dissipation
0.5
W
TJ
Junction Temperature
150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25
Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
V(BR)CBO
Collector-base Breakdown Voltage
(IC=-50uAdc, IE=0)
-30
---
---
Vdc
ICBO
Collector-Base Cutoff Current
(VCB=-20Vdc,IE=0)
---
---
-0.5
uAdc
IEBO
Emitter-Base Cutoff Current
(VEB=-5Vdc, IC=0)
---
---
-0.5
uAdc
hFE(1)
DC Current Gain
(IC=-0.5Adc, VCE=-2.0Vdc)
82
---
390
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-4Adc, IB=-0.1Adc)
---
---
-1.0
Vdc
fT
Transition Frequency
(VCE=-6Vdc, IC=-50mAdc,f=30MHz)
120
---
MHz
Cob
Collector output capacitance
(VCB=-20Vdc, IE=0,f=1.0MHz)
---
60
---
pF
Revision: A
2011/01/01

 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
SOT-89
1. Emitter
2. Collector
3. Base
TM
Micro Commercial Components
CLASSIFICATION OF HFE(1)
Rank
P
Q
R
Range
82-180
Marking
BHP
120-270
180-390
BHQ
BHR
www.mccsemi.com
1 of
4
2SB1386-Q
2SB1386-R
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=-1mAdc, IB=0)
-20
---
---
Vdc
V(BR)EBO
Emitter-base Breakdown Voltage
(IE=-50uAdc, IC=0)
-6
---
---
Vdc
B
A
E
D
G
H
F
K
J
C
1
2
3




 

 
 











25
































































1.55
.061
REF.






























































•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1


Similar Part No. - 2SB1386-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SB1386-R KEXIN-2SB1386-R Datasheet
1Mb / 3P
PNP Transistors
logo
Micro Commercial Compon...
2SB1386-R MCC-2SB1386-R Datasheet
430Kb / 4P
PNP Silicon Epitaxial Transistors
logo
DONGGUAN YOU FENG WEI E...
2SB1386-R YFWDIODE-2SB1386-R Datasheet
786Kb / 4P
PNP Transistors
logo
Unisonic Technologies
2SB1386-R-AB3-B-R UTC-2SB1386-R-AB3-B-R Datasheet
200Kb / 5P
LOW FREQUENCY PNP TRANSISTOR
2SB1386-R-AB3-C-R UTC-2SB1386-R-AB3-C-R Datasheet
200Kb / 5P
LOW FREQUENCY PNP TRANSISTOR
More results

Similar Description - 2SB1386-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SB1197 MCC-2SB1197 Datasheet
70Kb / 2P
PNP Silicon Epitaxial Transistors
2SA1213-O MCC-2SA1213-O Datasheet
480Kb / 4P
PNP Silicon Epitaxial Transistors
2SB1184-P MCC-2SB1184-P Datasheet
596Kb / 4P
PNP Silicon Epitaxial Transistors
logo
ON Semiconductor
BCP53-16T1G ONSEMI-BCP53-16T1G Datasheet
141Kb / 5P
PNP Silicon Epitaxial Transistors
November, 2011 ??Rev. 8
BCP53T1G ONSEMI-BCP53T1G Datasheet
141Kb / 5P
PNP Silicon Epitaxial Transistors
November, 2011 ??Rev. 8
BCP53-16T3G ONSEMI-BCP53-16T3G Datasheet
100Kb / 5P
PNP Silicon Epitaxial Transistors
February, 2011 ??Rev. 3
SBCP53T1G ONSEMI-SBCP53T1G Datasheet
85Kb / 5P
PNP Silicon Epitaxial Transistors
September, 2013 ??Rev. 10
logo
Micro Commercial Compon...
2SA1464-P MCC-2SA1464-P Datasheet
627Kb / 4P
PNP Silicon Epitaxial Transistors
2SB1182-P MCC-2SB1182-P_13 Datasheet
509Kb / 4P
PNP Silicon Epitaxial Transistors
logo
FutureWafer Tech Co.,Lt...
BCP69 FUTUREWAFER-BCP69 Datasheet
1Mb / 9P
PNP Silicon Epitaxial Transistors
24-NOV-2021 V 2.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com