Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1008-R Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC1008-R
Description  NPN Silicon Epitaxial Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC1008-R Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC1008-R Datasheet HTML 1Page - Micro Commercial Components 2SC1008-R Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
•
General Purpose Switching and Amplification
2SC1
008-O
NPN Silicon
Epitaxial Transistor
TO-92
AE
B
C
D
G
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=10mAdc, IB=0)
60
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100uAdc, IE=0)
80
Vdc
ICBO
Collector Cutoff Current
(VCB=60Vdc, IE=0Adc)
0.1
uAdc
IEBO
Emitter Cutoff Current
(VEB=5.0Vdc, IC=0Adc)
0.1
uAdc
ON CHARACTERISTICS
hFE
DC Current Gain*
(IC=50mAdc, VCE=2.0Vdc)
40
400
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=500mAdc, IB=50mAdc)
0.4
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=500mAdc, IB=50mAdc)
1.1
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Transistor Frequency
(IC=50mAdc, VCE=10Vdc)
30
MHz
CLASSIFICATION OF HFE (1)
Rank
R
O
Y
G
Range
40-80
70-140
120-240
200-400
Cob
Collector Output Capacitance
(VCB=10Vdc,IC=0,f=1MHz)
Typ 8
pF
Revision:
A
20
11/04/13
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.170
.190
4.33
4.83
B
.170
.190
4.30
4.83
C
.550
.590
13.97
14.97
D
.010
.020
0.36
0.56
E
.130
.160
3.30
3.96
G
.010
.104
2.44
2.64
TM
Micro Commercial Components
www.mccsemi.com
1 of
2
2SC1
008-Y
2SC1
008-G
2SC
1008-R
E
B
C
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
•
Capable of 0.8Watts of Power Dissipation.
•
Collector-current 0.7A
•
Collector-base Voltage 80V
•
Marking : C1008
V(BR)EBO
Emitter-Base Breakdown Voltage
(I
E=10uAdc, IC=0)
8
Vdc


Similar Part No. - 2SC1008-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC1008-R MCC-2SC1008-R Datasheet
584Kb / 2P
NPN Silicon Epitaxial Transistor
2SC1008-R MCC-2SC1008-R_13 Datasheet
584Kb / 2P
NPN Silicon Epitaxial Transistor
More results

Similar Description - 2SC1008-R

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com