Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESR10EZPFD Datasheet(PDF) 4 Page - Rohm

Part # ESR10EZPFD
Description  Anti-surge Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ESR10EZPFD Datasheet(HTML) 4 Page - Rohm

  ESR10EZPFD Datasheet HTML 1Page - Rohm ESR10EZPFD Datasheet HTML 2Page - Rohm ESR10EZPFD Datasheet HTML 3Page - Rohm ESR10EZPFD Datasheet HTML 4Page - Rohm ESR10EZPFD Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ESR10
Resistors
Rev.E
4/4
Part designation
Part No.
ES
0
1
R
±5%
Resistance tolerance
J
±0.5%
D
Nominal resistance
EZP
5,000
Paper tape (4mm Pitch)
φ180mm
E Z P
J
ESR10
Reel (
φ180) : Compatible with JEITA standard "EIAJ ET-7200B"
: Standard product
Part No.
Resistance tolerance
Code
Packaging specifications
Reel
Basic ordering unit(pcs)
Packaging Specifications Code
J(
±5%) F(±1%) D(±0.5%)
J
F,D
:
:
3 digits
4 digits
Resistance code, 3 or 4 digits.
Resistance
tolerance
Resistance
code
±1%
F



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com