Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1815-BL Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC1815-BL
Description  NPN Silicon Epitaxial Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC1815-BL Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC1815-BL Datasheet HTML 1Page - Micro Commercial Components 2SC1815-BL Datasheet HTML 2Page - Micro Commercial Components 2SC1815-BL Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
•
2SC1815 is NPN Silicon Epitaxial Transistor Designed for RF, AF
Amplifier and General Purpose Applications.
•
Capable of 0.4Watts of Power Dissipation.
•
Collector-current 0.15A
•
Collector-base Voltage 60V
•
Marking : C1815
2SC1815-
Y
NPN Silicon
Epitaxial Transistor
TO-92
AE
B
C
D
G
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=0.1mAdc, IB=0)
50
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100uAdc, IE=0)
60
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(I E=100uAdc,IC=0)
5
Vdc
ICBO
Collector Cutoff Current
(VCB=60Vdc, IE=0Adc)
0.1
uAdc
ICEO
Collector Cutoff Current
(VCB=50Vdc, IE=0Adc)
0.1
uAdc
IEBO
Emitter Cutoff Current
(VEB=5.0Vdc, IC=0Adc)
0.1
uAdc
ON CHARACTERISTICS
hFE(1)
DC Current Gain*
(IC=2.0mAdc, VCE=6.0Vdc)
70
700
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=100mAdc, IB=10mAdc)
0.25
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=100mAdc, IB=10mAdc)
1.0
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Transistor Frequency
(IC=1.0mAdc, VCE=10Vdc, f=30MHz)
80
MHz
CLASSIFICATION OF HFE (1)
Rank
O
Y
GR
BL
Range
70-140
120-240
200-400
350-700
VBE
Base-Emitter Voltage
(IE=310mAdc)
---
1.45
Vdc
Revision:
C
20
11/08/22
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.170
.190
4.33
4.83
B
.170
.190
4.30
4.83
C
.550
.590
13.97
14.97
D
.010
.020
0.36
0.56
E
.130
.160
3.30
3.96
G
.010
.104
2.44
2.64
TM
Micro Commercial Components
www.mccsemi.com
1 of
3
Epoxy meets UL 94 V-0 flammability rating
2SC1815-
GR
2SC1815-
BL
2SC1815-O
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates RoHS
Compliant. See ordering information)
•
Moisure Sensitivity Level 1
E
C
B
•
Operating and storage junction temperature range:-55
oC to +125oC


Similar Part No. - 2SC1815-BL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC1815-BL MCC-2SC1815-BL Datasheet
480Kb / 3P
NPN Silicon Epitaxial Transistor
logo
Central Semiconductor C...
2SC1815-BL CENTRAL-2SC1815-BL Datasheet
305Kb / 3P
SILICON NPN TRANSISTORS
R1 10-May 2018
logo
Unisonic Technologies
2SC1815-BL-T92-B-B UTC-2SC1815-BL-T92-B-B Datasheet
165Kb / 4P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
2SC1815-BL-T92-B-K UTC-2SC1815-BL-T92-B-K Datasheet
165Kb / 4P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
2SC1815-BL-T92-C-B UTC-2SC1815-BL-T92-C-B Datasheet
165Kb / 4P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
More results

Similar Description - 2SC1815-BL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com