Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2482 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC2482
Description  NPN Epitaxial Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC2482 Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC2482 Datasheet HTML 1Page - Micro Commercial Components 2SC2482 Datasheet HTML 2Page - Micro Commercial Components 2SC2482 Datasheet HTML 3Page - Micro Commercial Components 2SC2482 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC2482-O
NPN
Epitaxial Silicon
Transistor
Features
•
High Voltage:Vceo=300V
•
Small collector output capacitance:Cob=3.0pF(Typ)
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=3mAdc, IB=0)
300
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100uAdc, IE=0)
300
---
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=100uAdc, IC=0)
7
---
Vdc
ICBO
Collector Cutoff Current
(VCB=240Vdc, IE=0)
---
1.0
uAdc
ICEO
Collector Cutoff Current
(VCB=220Vdc, IB=0)
---
5.0
uAdc
IEBO
Emitter Cutoff Current
(VEB=7Vdc, IC=0)
---
1.0
uAdc
ON CHARACTERISTICS
hFE(1)
DC Current Gain
(IC=20mAdc, VCE=10Vdc)
30
150
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=10mAdc, IB=1mAdc)
---
1.0
Vdc
VBE
Base-Emitter Saturation Voltage
(IC=10mAdc, IB=1mAdc)
---
1.0
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Transistor Frequency
(IC=20mAdc, VCE=10Vdc,
f=30MHz)
50
---
MHz
CLASSIFICATION OF HFE(1)
Rank
O
Y
Range
30-90
90-150
TO-92MOD
A
B
C
D
E
F
G
H
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.030
---
.750
B
---
.039
---
1.00
C
---
.031
---
.80
D
---
.024
---
0.60
E
---
.201
---
5.10
F
.050
1.27
G
.050
1.27
H
.100
2.54
I
.039
1.00
J
---
.087
---
2.20
K
---
.024
---
.60
L
---
.323
---
8.20
M
---
.413
---
10.50
N
---
.161
---
4.10
123
1. EMITTER
2. COLLECTOR
3. BASE
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: 1
2007/12/12
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
2SC2482-Y
2SC2482
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
300
V
VCBO
Collector-Base Breakdown Voltage
300
V
VEBO
Emitter-Base Voltage
7.0
V
IC
Collector Current
0.1
A
PC
Collector Power Dissipation
0.9
W
TJ
Operating Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
VCB=20V, IE=0, f=1MHz
3
pF
Collector output capacitance
Cob


Similar Part No. - 2SC2482

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2482 TOSHIBA-2SC2482 Datasheet
188Kb / 3P
TRANSISTOR (HIGH VOLTAGE SWITCHING AND, COLOR TV HORIZ. DRIVER, CHROMA OUTPUT APPLICATIONS)
logo
List of Unclassifed Man...
2SC2482 ETC1-2SC2482 Datasheet
48Kb / 1P
TO-92 Plastic Package Transistors (NPN)
logo
Unisonic Technologies
2SC2482 UTC-2SC2482 Datasheet
118Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Toshiba Semiconductor
2SC2482 TOSHIBA-2SC2482 Datasheet
133Kb / 5P
Silicon NPN Epitaxial Type (PCT Process)
logo
SHENZHEN YONGERJIA INDU...
2SC2482 WINNERJOIN-2SC2482 Datasheet
124Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - 2SC2482

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com