Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4097-R Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 2SC4097-R
Description  NPN Silicon Epitaxial Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC4097-R Datasheet(HTML) 2 Page - Micro Commercial Components

  2SC4097-R Datasheet HTML 1Page - Micro Commercial Components 2SC4097-R Datasheet HTML 2Page - Micro Commercial Components 2SC4097-R Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical characteristic curves
0.8
0.2
0.4
0.9
0.7
0.5
1.1
0.3
1.0
0.6
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
Ta
=100°C
−25°C
80
°C
25
°C
−55°C
VCE
=6V
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.1
Grounded emitter propagation
characteristics
1
0
2345
0
100
50
0.50mA
0.45mA
0.40mA
0.35mA
0.30mA
0.25mA
0.20mA
0.15mA
0.10mA
0.05mA
IB
=0A
Ta
=25°C
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.2
Grounded emitter output
characteristics (
Ι )
1
0
2345
0
500
400
300
200
100
2mA
1.8mA
1.6mA
1.4mA
1.2mA
0.2mA
0.4mA
0.6mA
0.8mA
1.0mA
IB
=0A
Ta
=25°C
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.3
Grounded emitter output
characteristics(
ΙΙ )
0.5
1
2
5
10
20
50 100
1000
200
500
0.2
0.5
1
0.02
0.05
0.1
Ta
=25°C
Ta
lC/lB
=10
COLLECTOR CURRENT : IC
(mA)
Fig.4 Collector-emitter saturation voltage
vs. collector current
500 1000
0.1
200
10
0.2
50 100
0.5
20
12
5
20
10
50
100
200
500
1000
COLLECTOR CURRENT : IC
(mA)
Ta=100°
C
75°C
50°C
25°C
0°C
−25°
C
−50°
C
VCE
=3V
Fig.5 DC current gain vs. collector current
Fig. 6 Gain bandwidth product vs.
emitter current
EMITTER CURRENT : IE (mA)
Ta
=25°C
VCE
=5V
−0.5
−1
−2
−5
−10
−20
−50
50
100
200
500
0.5
1
2
5
10
20
50
5
2
10
20
50
Cib
Cob
Ta
=25°C
f
=1MHz
IE
=0A
IC
=0A
COLLECTOR TO BASE VOLTAGE : VCB
(V)
EMITTER TO BASE VOLTAGE
: VEB
(V)
Fig.7
Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage
Revision: A
2011/01/01
2 of 3
www.mccsemi.com
MCC
TM
Micro Commercial Components
2SC4097-P/Q/R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com