Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2W005G Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 2W005G
Description  2 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2W005G Datasheet(HTML) 2 Page - Micro Commercial Components

  2W005G Datasheet HTML 1Page - Micro Commercial Components 2W005G Datasheet HTML 2Page - Micro Commercial Components 2W005G Datasheet HTML 3Page - Micro Commercial Components 2W005G Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2W005G
THRU
2W10G
2 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
WOL
Features
•
Low Profile Package
•
Glass Passivated Die
•
Silver Plated Copper Leads
•
Surge Overload Rating Of 60 Amps
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.378
---
9.60
B
---
.291
---
7.40
C
1.000
---
25.40
---
D
1.098
---
27.90
---
E
.180
.220
4.60
5.60
Maximum Ratings
•
Operating Temperature: -55°C to +125°C
•
Storage Temperature: -55°C to +150°C
•
Typical Thermal Resistance Of 40°C/W Junction To Ambient
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2.0A
TJ = 25°C
Peak Forward Surge
Current
IFSM
60A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.1V
IFM = 2.0A;
TJ = 25°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10µA
1mA
TJ = 25°C
TJ = 100°C
*Pulse test: Pulse width 300 µsec, Duty cycle 2%
E
E
AC
AC
+
-
A
B
C
D
F
F
.028
.032
0.71
0.81
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Revision: 6
2006/05/28
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
2W005G
2W005G
50V
35V
50V
2W01G
2W01G
100V
70V
100V
2W02G
2W02G
200V
140V
200V
2W04G
2W04G
400V
280V
400V
2W06G
2W06G
600V
420V
600V
2W08G
2W08G
800V
560V
800V
2W10G
2W10G
1000V
700V
1000v
•
UL Recognized File # E165989
TM
Micro Commercial Components
x
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0
www.mccsemi.com
1 of 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com