Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358PR Datasheet(PDF) 13 Page - Rohm

Part # LM358PR
Description  SIGNATURE SERIES Operational Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM358PR Datasheet(HTML) 13 Page - Rohm

Back Button LM358PR Datasheet HTML 9Page - Rohm LM358PR Datasheet HTML 10Page - Rohm LM358PR Datasheet HTML 11Page - Rohm LM358PR Datasheet HTML 12Page - Rohm LM358PR Datasheet HTML 13Page - Rohm LM358PR Datasheet HTML 14Page - Rohm LM358PR Datasheet HTML 15Page - Rohm LM358PR Datasheet HTML 16Page - Rohm LM358PR Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Technical Note
13/17
LM358DT/PT/ST/WDT/WPT,LM2904DT/PT/ST/WDT/WPT
LM324DT/PT/WDT,LM2902DT/PT/WDT
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Measurement circuit2 Switch condition
SW No.
SW
1
SW
2
SW
3
SW
4
SW
5
SW
6
SW
7
SW
8
SW
9
SW
10
SW
11
SW
12
SW
13
SW
14
SW
15
Supply Current
OFF OFF OFF ON OFF OFF ON OFF OFF OFF OFF OFF OFF OFF OFF
High level Output Voltage
OFF OFF ON OFF OFF OFF ON OFF OFF ON OFF OFF OFF ON OFF
Low level Output Voltage
OFF OFF ON OFF OFF OFF ON OFF OFF OFF OFF OFF OFF ON OFF
Output source current
OFF OFF ON OFF OFF OFF ON OFF OFF OFF OFF OFF OFF OFF ON
Output sink current
OFF OFF ON OFF OFF OFF ON OFF OFF OFF OFF OFF OFF OFF ON
Slew Rate
OFF OFF OFF ON OFF OFF OFF OFF ON
ON
ON OFF OFF OFF OFF
Gain band width product
OFF ON OFF OFF OFF ON
ON OFF OFF ON
ON OFF OFF OFF OFF
Equivalent input noise voltage
ON OFF OFF OFF ON OFF ON OFF OFF OFF OFF ON OFF OFF OFF
●
Measurement Circuit3 Channel Separation
Fig.99 Measurement circuit2 (Each Op-Amps)
Fig.100 Slew Rate Input Waveform
Fig.101 Measurement Circuit3
~
Vcc +
Vcc -
V
SW1
SW2
SW3
-
+
SW11 SW12 SW13
A
VIN-
VIN+
RL
SW10
~
~
SW7
SW8
SW9
CL
SW15
A
V
VOUT
RS
SW6
SW5
SW4
R1
R3
R2
SW14
SR = ΔV / Δt
Input voltage
t
Input waveform
3[V]
0.5[V]
t
Output waveform
3[V]
0.5[V]
Δt
ΔV
Output voltage
VO1/VO2=20×log
100×VOUT1
VOUT2
VIN
V
VOUT1
=0.5 [Vrms]
Vcc+=+2.5[V]
Vcc-=-2.5[V]
CH1
R1=1[kΩ]
R2=100[kΩ]
R1//R2
Vcc+=+2.5[V]
Vcc-=-2.5[V]
other
CH
VOUT2
R1=1[kΩ]
R2=100[kΩ]
R1//R2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com