Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2904PR Datasheet(PDF) 9 Page - Rohm

Part # LM2904PR
Description  SIGNATURE SERIES Operational Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM2904PR Datasheet(HTML) 9 Page - Rohm

Back Button LM2904PR Datasheet HTML 5Page - Rohm LM2904PR Datasheet HTML 6Page - Rohm LM2904PR Datasheet HTML 7Page - Rohm LM2904PR Datasheet HTML 8Page - Rohm LM2904PR Datasheet HTML 9Page - Rohm LM2904PR Datasheet HTML 10Page - Rohm LM2904PR Datasheet HTML 11Page - Rohm LM2904PR Datasheet HTML 12Page - Rohm LM2904PR Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Technical Note
9/17
LM358DT/PT/ST/WDT/WPT,LM2904DT/PT/ST/WDT/WPT
LM324DT/PT/WDT,LM2902DT/PT/WDT
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Reference Data LM2904 family
(*)The data above is ability value of sample, it is not guaranteed.
-8
-6
-4
-2
0
2
4
6
8
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0
10
20
30
40
50
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
0
10
20
30
40
50
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
-10
0
10
20
30
40
50
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
-8
-6
-4
-2
0
2
4
6
8
-1
01234
5
INPUT VOLTAGE [Vin]
-10
-5
0
5
10
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
40
60
80
100
120
140
010
20
30
40
SUPPLY VOLTAGE [V]
40
60
80
100
120
140
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
60
70
80
90
100
110
120
130
140
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
Input Bias Current – Ambient Temperature
(VCC=30[V],Vicm=28[V],VOUT=1.4[V])
-10
-5
0
5
10
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
60
70
80
90
100
110
120
130
140
4
6
8
1012
1416
SUPPLY VOLTAGE [V]
60
70
80
90
100
110
120
130
140
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
Input Offset Voltage – Common Mode Input Voltage
(VCC=5[V])
Input Bias Current – Supply Voltage
(Vicm=0[V], VOUT=1.4[V])
Input Offset Voltage – Ambient Temperature
(Vicm=0[V], VOUT=1.4[V])
3V
32V
5V
125℃
-40℃
25℃
Input Bias Current – Ambient Temperature
(Vicm=0[V],VOUT=1.4[V])
3V
5V
Input Offset Current – Supply Voltage
(Vicm=0[V],VOUT=1.4[V])
-40℃
25℃
125℃
Input Offset Current – Ambient Temperature
(Vicm=0[V],VOUT=1.4[V])
3V
32V
5V
-40℃
25℃
125℃
-40℃
105℃
25℃
Large Signal Voltage Gain
– Ambient Temperature
(RL=2[kΩ])
15V
5V
-40℃
125℃
25℃
Common Mode Rejection Ratio
– Supply Voltage
Common Mode Rejection Ratio
– Ambient Temperature
5V
3V
32V
Power Supply Rejection Ratio
– Ambient Temperature
Large Signal Voltage Gain – Supply Voltage
(RL=2[kΩ])
105℃
125℃
105℃
105℃
32V
105℃
LM2904 family
LM2904 family
LM2904 family
LM2904 family
LM2904 family
LM2904 family
LM2904 family
LM2904 family
LM2904 family
LM2904 family
LM2904 family
LM2904 family
Fig. 61
Fig. 62
Fig. 63
Fig. 64
Fig. 65
Fig. 66
Fig. 67
Fig. 68
Fig. 69
Fig. 70
Fig. 71
Fig. 72
[V]
36V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com