Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS1682 Datasheet(PDF) 2 Page - Sharp Corporation

Part # IS1682
Description  OPIC Light Detector for X40 Speed CD-ROM Drive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS1682 Datasheet(HTML) 2 Page - Sharp Corporation

  IS1682 Datasheet HTML 1Page - Sharp Corporation IS1682 Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IS1682
OPIC Light Detector
Tec.IS980701
Recommended Operating Conditions
Electrical Characteristics 1
(Ta=25˚C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Operating supply voltage
Vcc
4.75
5.0
5.25
V
Operating supply voltage 1
Vs
2.0
2.1
2.2
V
(Ta=25˚C,Vcc=5V,Vs=2.1V,RL=10k
Ω [ VRF terminal : RL= 0 Ω ] CL= 10 pF)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Applications
Icc
8.8
14.8
20
mA
Vcc
Vod1
Vod2
Vod3
−25
0
+25
mV
mV
V
VA to VD
−15
0
+15
VA,VB
∆Vod
1.25
1.4
1.55
mV
VC,VD
−20
0
+20
VA to VD
VA to VD
−20
0
+20
−20
0
+20
−15
0
+15
−40
+5
+50
VE,VF
VE,VF
VRF
Supply current
Output off-set voltage 1
Extremes of off-set voltage
Output off-set voltage 3
Output off-set voltage 2
−
Specified by voltage difference from Vs
Refered to GND
A - B
C - D
(A+C) - (B+D)
A+B+C+D
E - F
Specified by voltage difference from Vs
Operating supply voltage 2
Vs
2.4
2.5
2.6
V
*3 10µW,
φ30µm of DC light is applied to the center of each photodiode.
Under that condition, sensitivity R is shown by following formula.
R=(Vp-Vod)/5µW
*4 Light source : laser diode of
λ=780nm
*6 Frequency sensitivity is -3dB.(reference sensitivity : value at f= 1 MHz)
*5 Extreme of sensitivity is shown by following formula.
2 x (Rp1max-Rp1min)/(Rp1max+Rp1min) x 100
2 x (Rp2max-Rp2min)/(Rp2max+Rp2min) x 100
*7 In addition to 10µW,
φ30µm DC light, 4µWp-p AC light is applied to the center of each photodiode. BW=10kHz
Electrical Characteristics 2
-
6
2.5
VRF
VRF
VRF
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Applications
*3*4 Sensitivity 1
RP1
-
mV/µW
VA to VD
*3*4 Sensitivity 2
*5 Extreme of sensitivity
Sensitivity ratio 1
Sensitivity ratio 2
RP2
RP3
RP2/RP1
RP3/RP1
∆RP
-
-
-
-
-
-
-
-
-
-
mV/µW
mV/µW
VE,VF
VE,VF
%
18.0
24.6
31.2
31.2
44.7
58.1
1.81
30.2
43.2
56.1
3.8
1.67
1.76
1.84
10
VA to VD
VA to VD
VA to VD
-
--
-
-
-
-
VA to VF
VA to VF
*4*6 Response frequency 1
fc1
-3dB
MHz
*4*6 Response frequency 2
*4 High level output voltage 1
*4 High level output voltage 2
tgd1
tgd2
Average of f=1 to 23.1MHz,VA to VD
f=1 to 23.1MHz
*4*7 Group delay deviation 1
*4*7 Group delay deviation 2
*4*6 Response frequency 3
fc2
fc3
-3dB
-3dB
-
-
MHz
-
-
-
V
V
VRF
VRF
ns
-
6
2.5
ns
Output noise level 1
Vn1
VOH1
VOH2
f=23.1MHz,BW=30kHz
Output noise level 2
Vn2
f=23.1MHz,BW=30kHz
-
-81
-76
dBm
-
-70
-65
dBm
34
65
55
75
-
MHz
1
5
3.8
*3*4 Sensitivity 3
*4*6 Response frequency 4
fc4
Averge of VA to VD
45
65
-
MHz
VA to VD
*4 Response sensitivity 1
∆Rp1
*4 Response sensitivity 2
∆Rp2
1 MHz to 23.1 MHz
1 MHz to 23.1 MHz
-1.0
-1.0
+1.0
+1.0
+2.0
+2.0
dB
dB
VRF
(Ta=25˚C,Vcc=5V,Vs=2.1V,RL=10k
Ω [ VRF terminal : RL= 0 Ω ] CL= 10 pF)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Applications
+28
Vod1
Vod2
Vod3
−25
+2
+16
mV
mV
V
VA to VD
−16
0
∆Vod
1.25
1.4
1.55
mV
−22
0
+22
VA to VD
VA to VD
0
+62
−15
+15
−40
+13
VE,VF
VE,VF
VRF
Output off-set voltage 4
Extremes of off-set voltage
Output off-set voltage 6
Output off-set voltage 5
Specified by voltage difference from Vs
Reffered to GND
(A+C) - (B+D)
A+B+C+D
E - F
Specified by voltage difference from Vs
(Ta=25˚C,Vcc=5V,Vs=2.5V,RL=10k
Ω [ VRF terminal : RL= 0 Ω ] CL= 10 pF)
As of June 1998



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com