Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS455 Datasheet(PDF) 2 Page - Sharp Corporation

Part # IS455
Description  Linear Output Type OPIC Light Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS455 Datasheet(HTML) 2 Page - Sharp Corporation

  IS455 Datasheet HTML 1Page - Sharp Corporation IS455 Datasheet HTML 2Page - Sharp Corporation IS455 Datasheet HTML 3Page - Sharp Corporation IS455 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IS455
s Recommended Operating Conditions
*4 E V: Illuminamce by standard light source A( tungsten lamp)
s Electro-optical Characteristics
( Ta= 25˚C, VCC =5V)
1
10
100
1
100
100
025
50
75
0
50
100
250
200
150
300
85
10
-25
V CC
EV: CIE standard
light source A
Fig. 1 Power Dissipation vs. Ambient
Temperature
Fig. 2 Output Current vs. Illuminance
*2 E V: Illuminance by CIE standard light source A ( tungsten lamp )
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
ICC
EV
0.2
0.55
1.0
mA
Output current 1
EV
*2
- 6.5
- 10
- 13.5
µA
Output current 2
EV
*2
- 0.65
- 1
- 1.35
mA
*3 Output current ratio
R IO
92
100
108
-
Dark output current
Iod
EV =0
-
-
-
- 10
- 500
nA
Peak sensitivity wavelength
λ P
-
700
-
nm
Parameter
Symbol
MIN.
MAX.
Unit
Supply voltage
V CC
4.5
5.5
V
EV
10
Output voltage
V O
0V CC -1.5
V
Oparating temperature
Topr
-10
70
˚C
*4
Parameter
Supply current
*3 RIo=
Ambient temperature T a (˚C)
Illuminance
IO2
IO1
IO1
IO2
= 5V, T a = 25˚C
5 000
= 0 lx
= 10 lx
= 1 000 lx
lx
Illuminance E V ( lx )
1000
10000
10000
1000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com