Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS456 Datasheet(PDF) 4 Page - Sharp Corporation

Part # IS456
Description  High Speed Response Type OPIC Light Detector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS456 Datasheet(HTML) 4 Page - Sharp Corporation

  IS456 Datasheet HTML 1Page - Sharp Corporation IS456 Datasheet HTML 2Page - Sharp Corporation IS456 Datasheet HTML 3Page - Sharp Corporation IS456 Datasheet HTML 4Page - Sharp Corporation IS456 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IS456
0
100
200
300
400
100
20
0
40
60
80
t r
100
75
50
25
-25
0
100
75
50
25
-25
0
250
0123456
0
50
100
150
200
300
300
400
500
600
700
800
900
100
20
0
40
60
80
t f
V CC= 5V, R O = 5.1KΩ
RL = 510Ω
Fig.12 Rise Time, Fall Time vs.
T a= 25˚C
V CC =5V
tf
tr
Fig.11 Propagation Delay Time vs.
Ambient Temperature
Ambient Temperature
Fig.14 Spectral Sensitivity
V CC = 5V, R O = 5.1KΩ
R L= 510Ω
t PLH
t PHL
t PHL
t PLH
Fig.13 Rise Time, Fall Time vs.
Wavelength
λ (nm )
Ambient temperature Ta ( ˚C)
Ambient temperature Ta ( ˚C)
Ta= 25˚C
1000
1100
Load Resistance
Load resistance R L ( K Ω )



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com