Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS457 Datasheet(PDF) 4 Page - Sharp Corporation

Part # IS457
Description  High Speed Response Type OPIC Light Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS457 Datasheet(HTML) 4 Page - Sharp Corporation

  IS457 Datasheet HTML 1Page - Sharp Corporation IS457 Datasheet HTML 2Page - Sharp Corporation IS457 Datasheet HTML 3Page - Sharp Corporation IS457 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ambient temperature Ta (˚C )
Fig. 7 Propagation Delay Time vs.
Ambient Temperature
Fig. 8 Rise, Fall Time vs. Ambient Temperature
Fig. 9 Spectral Sensitivity
Wavelength
λ (nm)
300
400
500
600
700
800
900
100
20
0
40
60
80
T a= 25˚C
1000
1100
IS457
Please refer to the chapter "Precautions for Use". (Page 78 to 93)
Ambient temperature Ta (˚C )
Vcc=5V
Ro=5.1k
Ω
RL=510
Ω
tr
tf
- 25
0
25
50
75
20
40
60
80
100
120
140
160
Vcc=5V
Ro=5.1k
Ω
RL=510
Ω
tPLH
tPHL
-25
0
25
50
75
100
200
300
400
q



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com