Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS485 Datasheet(PDF) 4 Page - Sharp Corporation

Part # IS485
Description  Bulit-in Amp. Type OPIC Light Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS485 Datasheet(HTML) 4 Page - Sharp Corporation

  IS485 Datasheet HTML 1Page - Sharp Corporation IS485 Datasheet HTML 2Page - Sharp Corporation IS485 Datasheet HTML 3Page - Sharp Corporation IS485 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IS485/IS486
100
200
300
400
500
600
0
0
1
2
3
4
5
6
7
8
9
10
11
12
12
5
10
20
50
0.1 0.2
0.5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
80
60
40
20
100
+90˚
+80˚
+70˚
+50˚
+60˚
+40˚
+30˚
+20˚
+10˚
0
- 30˚
-10˚
- 20˚
- 40˚
- 50˚
- 60˚
- 70˚
- 80˚
- 90˚
0
Angular displacement
θ
400 500 600 700 800 900 1000 1100 1200 1300 1400
0
10
20
30
40
50
60
70
80
90
100
Wavelength
λ ( nm )
Fig.10 Spectral Sensitivity
0.01
µ F
Output
15k
Ω
Amp.
Voltage regulator
47
Ω
10%
90%
50%
1.5V
50%
90%
10%
Input
1.5V
Output
Input
Input
Output
Input
47
Ω
Voltage regulator
Amp.
10k
Ω
Output
0.01
µ F
Illuminance
1
2
Fig. 7 Propagation Delay Time vs.
Test Circuit for Response Time
(IS485 )
Test Circuit for Response Time
(IS486 )
tr = tf = 0.01 µ s
Zo = 50
Ω
Vcc = 5V
RL
VOH
tf
tr
tPHL
tPLH
Vcc = 5V
RL
tr = tf = 0.01 µ s
Zo = 50
Ω
tPHL
tPLH
tr
tf
VOL
VOH
tf
tr
Fig. 8 Rise Time, Fall Time vs.
Fig. 9 Sensitivity Diagram
Ta= 25˚C
Ta= 25˚C
( Ta = 25˚C )
Ta = 25˚C
VCC =5V
RL= 280Ω
1 t PLH (IS485 )
t PLH( IS486)
VCC =5V
q Please refer to the chapter “Precautions for Use.”
t PHL (IS486 )
2 t PHL( IS485)
Illuminance E V ( lx )
Load Resistance
Load resistance R L ( k Ω )
E V = 50 lx



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com