Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6K12 Datasheet(PDF) 2 Page - Rohm

Part # MP6K12
Description  4V Drive Nch Nch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6K12 Datasheet(HTML) 2 Page - Rohm

  MP6K12 Datasheet HTML 1Page - Rohm MP6K12 Datasheet HTML 2Page - Rohm MP6K12 Datasheet HTML 3Page - Rohm MP6K12 Datasheet HTML 4Page - Rohm MP6K12 Datasheet HTML 5Page - Rohm MP6K12 Datasheet HTML 6Page - Rohm MP6K12 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
MP6K12
 
Electrical characteristics (Ta = 25
C)
<It is the same ratings for Tr1 and Tr2.>
Symbol
Min.
Typ.
Max.
Unit
Gatesource leakage
IGSS

10
AVGS=20V, VDS=0V
Drainsource breakdown voltage V (BR)DSS
30

VID=1mA, VGS=0V
Zero gate voltage drain current
IDSS

1
AVDS=30V, VGS=0V
Gate threshold voltage
VGS (th)
1.0
2.5
V
VDS=10V, ID=1mA
30
42
ID=5.0A, VGS=10V
40
56
ID=5.0A, VGS=4.5V
45
63
ID=5.0A, VGS=4.0V
Forward transfer admittance
l Yfs l
2.5

SID=5.0A, VDS=10V
Input capacitance
Ciss
250
pF
VDS=10V
Output capacitance
Coss
90
pF
VGS=0V
Reverse transfer capacitance
Crss
45
pF
f=1MHz
Turnon delay time
td(on)
6
ns
ID=2.5A, VDD 15V
Rise time
tr
27
ns
VGS=10V
Turnoff delay time
td(off)
26
ns
RL=6.0
Fall time
tf
5
ns
RG=10
Total gate charge
Qg
4.0
nC ID=5.0A, VDD 15V
Gatesource charge
Qgs
1.2
nC VGS=5V
Gatedrain charge
Qgd
1.2
nC
*Pulsed
Body diode characteristics (Source-Drain) (Ta = 25
C)
<It is the same ratings for Tr1 and Tr2.>
Symbol
Min.
Typ.
Max. Unit
Forward Voltage
VSD

1.2
V
Is=5.0A, VGS=0V
*Pulsed
Conditions
Conditions
m
Parameter
Parameter
Static drainsource onstate
resistance
RDS (on)*
*
*
*
*
*
*
*
*
*
*
*
*
2/6
2011.04 - Rev.A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com