Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS487 Datasheet(PDF) 2 Page - Sharp Corporation

Part # IS487
Description  Built-in Amp.Type OPIC Light Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS487 Datasheet(HTML) 2 Page - Sharp Corporation

  IS487 Datasheet HTML 1Page - Sharp Corporation IS487 Datasheet HTML 2Page - Sharp Corporation IS487 Datasheet HTML 3Page - Sharp Corporation IS487 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IS487/IS488
*4 EVHL represents illuminance by CIE standerd light source A ( tungsten lamp) when output changes from high
*5 E VLH represents illuminance by CIE standerd light source A (tungsten lamp ) when output changes from low
In order to stabilize power supply line, connect a by-pass capacitor of 0.01
µF or more between VCC and GND near
the device.
s Recommended Operating Conditions
to low.
s Electro-optical Characteristics
to high.
*6 Hysteresis stands for EVLH /E VHL (IS487 ) and E VHL /E VLH (IS488 ) .
*2 Defines EV
IS487 ) and E V =0 ( IS488 ) .
*3 Defines EV =0 (IS487) and E V
IS488 ) .
(Unless otherwise specified, Ta= 0 to 70˚C, V
CC
=5V )
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Low level output voltage
V OL
*2IOL = 16mA
-
0.15
0.4
V
High level output current
I OH
*3VCC = 20V, VO= 30V
-
-
100
µA
Low level supply current
ICCL
*2
-
1.3
3.4
mA
High level supply current
I CCH
*3
-
0.7
2.2
mA
Threshold illuminance
*4 “ High
→Low”
IS487
E VHL
T a = 25˚C, R L= 280
Ω
-15
35
RL = 280
Ω
--
50
T a = 25˚C, R L= 280
Ω
1.5
10
-
IS488
RL = 280
Ω
1-
-
*5
Threshold illuminance
IS487
E VLH
T a = 25˚C, R L= 280
Ω
1.5
10
-
RL = 280
Ω
1-
-
T a = 25˚C, R L= 280
Ω
-15
35
IS488
RL = 280
Ω
--
50
*6
Hysteresis
IS487
E VLH /E VHL
T a= 25˚C, R L= 280
Ω
0.50
0.65
0.90
-
IS488
E VHL /E VLH
Response
time
Propagation time
“ Low
→High”
IS487
t PLH
T a= 25˚C
RL= 280
Ω
EV
-5
15
µ s
IS488
-3
9
“ High
→Low”
Propagation time
IS487
t PHL
-3
9
IS488
-5
15
Rise time
t r
-
0.1
0.5
Fall time
tf
-
0.05
0.5
Parameter
Symbol
MIN.
MAX.
Unit
Supply voltage
V CC
4.5
17
V
Output current
IOL
-16
mA
“ Low
→High”
lx
lx
= 50lx
= 50lx(
= 50lx (



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com