Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW56T Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BAW56T
Description  150mW 85Volt Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAW56T Datasheet(HTML) 2 Page - Micro Commercial Components

  BAW56T Datasheet HTML 1Page - Micro Commercial Components BAW56T Datasheet HTML 2Page - Micro Commercial Components BAW56T Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAS
16T/BAW56T
www.mccsemi.com
Revision:
A
20
11/01/01
BA
V70T/BAV99T
0
50
100
150
200
300
200
250
100
150
50
0
Single diode loaded
Double diode loaded
0.0001
10
1
0.001
0.01
0.1
0
50
100
150
200
T , JUNCTION TEMPERATURE (
°C)
j
Fig. 3, Typical Reverse Characteristics
V = 20V
R
V = 75V
R
MCC
TM
Micro Commercial Components
0.1
1
0.01
0.001
0
1.5
1.0
0.5
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Forward Characteristics
T = -40ºC
A
T = 150ºC
A
T = 75ºC
A
T = 25ºC
A
T= 0ºC
A
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com