Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6K31 Datasheet(PDF) 3 Page - Rohm

Part # MP6K31
Description  4V Drive Nch Nch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6K31 Datasheet(HTML) 3 Page - Rohm

  MP6K31 Datasheet HTML 1Page - Rohm MP6K31 Datasheet HTML 2Page - Rohm MP6K31 Datasheet HTML 3Page - Rohm MP6K31 Datasheet HTML 4Page - Rohm MP6K31 Datasheet HTML 5Page - Rohm MP6K31 Datasheet HTML 6Page - Rohm MP6K31 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
MP6K31
 
Electrical characteristic curves (Ta = 25C)
0
1
2
0
0.2
0.4
0.6
0.8
1
Drain-Source Voltage : VDS [V]
Typical Output Characteristics (Ⅰ)
VGS=2.5V
Ta=25℃
pulsed
VGS=10.0V
VGS=4.0V
VGS=4.5V
VGS=2.8V
VGS=3.0V
0
1
2
02468
10
Drain-Source Voltage : VDS [V]
Typical Output Characteristics (Ⅱ)
VGS=2.5V
Ta=25℃
pulsed
VGS=10.0V
VGS=4.0V
VGS=4.5V
VGS=2.8V
VGS=3.0V
1000
10000
Static Drain-Source On-State Resistance vs. Drain Current
Ta=25℃
pulsed
1000
10000
Static Drain-Source On-State Resistance vs. Drain Current
VGS=10V
pulsed
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
10
100
1000
0.01
0.1
1
10
Drain Current : ID [A]
VGS=4.0V
VGS=4.5V
VGS=10V
10
100
1000
0.01
0.1
1
10
Drain Current : ID [A]
10
100
1000
10000
0.01
0.1
1
10
Drain Current : ID [A]
Static Drain-Source On-State Resistance vs. Drain Current
VGS=4.5V
pulsed
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
10
100
1000
10000
0.01
0.1
1
10
Drain Current : ID [A]
Static Drain-Source On-State Resistance vs. Drain Current
VGS=4V
pulsed
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
3/6
2010.09 - Rev.A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com