Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6T12 Datasheet(PDF) 1 Page - Rohm

Part # MP6T12
Description  Midium Power Transistors (-50V / -1A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6T12 Datasheet(HTML) 1 Page - Rohm

  MP6T12 Datasheet HTML 1Page - Rohm MP6T12 Datasheet HTML 2Page - Rohm MP6T12 Datasheet HTML 3Page - Rohm MP6T12 Datasheet HTML 4Page - Rohm MP6T12 Datasheet HTML 5Page - Rohm MP6T12 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
Midium Power Transistors (-50V / -1A)
MP6T12
Structure
Dimensions (Unit : mm)
PNP Silicon epitaxial planar transistor
Features
1) Low saturation voltage, typically
VCE (sat) = -0.4V (Max.) (IC / IB= -500mA / -25mA)
2) High speed switching
Applications
High Speed Switching
Inner circuit (Unit : mm)
Packaging specifications
Package
MPT6
Code
TR
Basic ordering unit (pieces)
1000
Absolute maximum ratings (Ta = 25
C)
 
<It is the same ratings for the Tr.1 and Tr.2>
Symbol
Limits
Collector-base voltage
VCBO
-50
Collector-emitter voltage
VCEO
-50
Emitter-base voltage
VEBO
-6
IC
-1
ICP
-2
PD
2.0
PD
1.4
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
*1 Pw=10ms, Single Pulse
*2 Mounted on a 40 x 40 x 0.7[mm3] ceramic board
V
V
Unit
Collector current
Pulsed
DC
Parameter
Low Frequency Amplifier
C
C
W/Element
W/Total
A
A
Power dissipation
Type
V
(1) Tr.1 Emitter
(2) Tr.1 Base
(3) Tr.2 Collector
(4) Tr.2 Emitter
(5) Tr.2 Base
(6) Tr.1 Collector
MPT6
(1)
(2)
(3)
(6)
(5)
(4)
*1
*2
*2
(1)
(2)
(3)
(4)
(5)
(6)
1/5
2010.07 - Rev.A


Similar Part No. - MP6T12

ManufacturerPart #DatasheetDescription
logo
Rohm
MP6T1 ROHM-MP6T1 Datasheet
109Kb / 4P
Medium Power Transistor (−32V, −1A)
MP6T11 ROHM-MP6T11 Datasheet
461Kb / 6P
Midium Power Transistors (-30V / -1A)
MP6T13 ROHM-MP6T13 Datasheet
433Kb / 6P
Midium Power Transistors (-50V / -3A)
More results

Similar Description - MP6T12

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR513P ROHM-2SAR513P_09 Datasheet
241Kb / 5P
Midium Power Transistors (-50V / -1A)
2SAR533P ROHM-2SAR533P_09 Datasheet
234Kb / 5P
Midium Power Transistors (-50V / -3A)
2SAR553P ROHM-2SAR553P_09 Datasheet
242Kb / 5P
Midium Power Transistors (-50V / -2A)
2SCR513P ROHM-2SCR513P_09 Datasheet
235Kb / 5P
Midium Power Transistors (50V / 1A)
2SAR543D ROHM-2SAR543D Datasheet
524Kb / 6P
Midium Power Transistors (-50V/-4A)
2SCR293P ROHM-2SCR293P Datasheet
486Kb / 6P
Midium Power Transistors (30V / 1A)
MP6X12 ROHM-MP6X12 Datasheet
424Kb / 6P
Midium Power Transistors (50V / 1A)
QS5Y2 ROHM-QS5Y2 Datasheet
499Kb / 8P
Midium Power Transistors (50V / 3A)
QS6Z5 ROHM-QS6Z5 Datasheet
1Mb / 8P
Complex Midium Power Transistors (50V/1A)
2SCR553P5 ROHM-2SCR553P5 Datasheet
1Mb / 9P
Midium Power Transistors (50V / 2A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com