Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6Z11 Datasheet(PDF) 1 Page - Rohm

Part # MP6Z11
Description  Midium Power Transistors (짹30V / 짹1A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6Z11 Datasheet(HTML) 1 Page - Rohm

  MP6Z11 Datasheet HTML 1Page - Rohm MP6Z11 Datasheet HTML 2Page - Rohm MP6Z11 Datasheet HTML 3Page - Rohm MP6Z11 Datasheet HTML 4Page - Rohm MP6Z11 Datasheet HTML 5Page - Rohm MP6Z11 Datasheet HTML 6Page - Rohm MP6Z11 Datasheet HTML 7Page - Rohm MP6Z11 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Midium Power Transistors (±30V / ±1A)
MP6Z11
Structure
Dimensions (Unit : mm)
NPN/PNP Silicon epitaxial planar transistor
Features
Low saturation voltage, typically
VCE (sat) = 0.35V (Max.) (IC / IB= 500mA / 25mA)
VCE (sat) = -0.35V (Max.) (IC / IB= -500mA / -25mA)
Applications
Inner circuit (Unit : mm)
Package
MPT6
Code
TR
Basic ordering unit (pieces)
1000
Absolute maximum ratings (Ta = 25
C)
 
<Tr.1>
Symbol
Limits
Unit
Collector-base voltage
VCBO
30
V
Collector-emitter voltage
VCEO
30
V
Emitter-base voltage
VEBO
6V
DC
IC
1A
Pulsed
ICP
2A
 
<Tr.2>
Symbol
Limits
Unit
Collector-base voltage
VCBO
-30
V
Collector-emitter voltage
VCEO
-30
V
Emitter-base voltage
VEBO
-6
V
DC
IC
-1
A
Pulsed
ICP
-2
A
 
<Tr.1 and Tr.2>
Symbol
Limits
Unit
PD
2.0
W/Total
PD
1.4
W/Element
Junction temperature
Tj
150
C
Range of storage temperature
Tstg
-55 to 150
C
*1 Pw=10ms, Single Pulse
*2 Mounted on a 40 x 40 x 0.7[mm] ceramic board.
Type
Parameter
Collector current
Power dissipation
Parameter
Collector current
Parameter
Low Frequency Amplifier
Driver
Packaging specifications
*1
*2
*2
(1) Tr.1 Emitter
(2) Tr.1 Base
(3) Tr.2 Collector
(4) Tr.2 Emitter
(5) Tr.2 Base
(6) Tr.1 Collector
*1
MPT6
(Dual)
(1)
(2)
(3)
(6)
(5)
(4)
(1)
(2)
(3)
(4)
(5)
(6)
Tr.1
Tr.2
(1) Tr.1 Emitter
(2) Tr.1 Base
(3) Tr.2 Collector
(4) Tr.2 Emitter
(5) Tr.2 Base
(6) Tr.1 Collector
1/7
2011.02 - Rev.A


Similar Part No. - MP6Z11

ManufacturerPart #DatasheetDescription
logo
Rohm
MP6Z1 ROHM-MP6Z1 Datasheet
178Kb / 7P
Medium Power Transistor (-32V, -1A)
MP6Z12 ROHM-MP6Z12 Datasheet
496Kb / 8P
Midium Power Transistors
MP6Z13 ROHM-MP6Z13 Datasheet
1Mb / 8P
Midium Power Transistors
More results

Similar Description - MP6Z11

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR533P ROHM-2SAR533P_09 Datasheet
234Kb / 5P
Midium Power Transistors (-50V / -3A)
2SAR544P ROHM-2SAR544P_09 Datasheet
243Kb / 5P
Midium Power Transistors (-80V / -2.5A)
2SCR542P ROHM-2SCR542P_09 Datasheet
243Kb / 5P
Midium Power Transistors (30V / 5A)
2SAR543D ROHM-2SAR543D Datasheet
524Kb / 6P
Midium Power Transistors (-50V/-4A)
2SCR293P ROHM-2SCR293P Datasheet
486Kb / 6P
Midium Power Transistors (30V / 1A)
MP6Z12 ROHM-MP6Z12 Datasheet
496Kb / 8P
Midium Power Transistors
MP6Z13 ROHM-MP6Z13 Datasheet
1Mb / 8P
Midium Power Transistors
QS5Y2 ROHM-QS5Y2 Datasheet
499Kb / 8P
Midium Power Transistors (50V / 3A)
2SCR544R ROHM-2SCR544R_11 Datasheet
211Kb / 5P
Midium Power Transistors
2SCR553P5 ROHM-2SCR553P5 Datasheet
1Mb / 9P
Midium Power Transistors (50V / 2A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com