Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6Z13 Datasheet(PDF) 5 Page - Rohm

Part # MP6Z13
Description  Midium Power Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6Z13 Datasheet(HTML) 5 Page - Rohm

  MP6Z13 Datasheet HTML 1Page - Rohm MP6Z13 Datasheet HTML 2Page - Rohm MP6Z13 Datasheet HTML 3Page - Rohm MP6Z13 Datasheet HTML 4Page - Rohm MP6Z13 Datasheet HTML 5Page - Rohm MP6Z13 Datasheet HTML 6Page - Rohm MP6Z13 Datasheet HTML 7Page - Rohm MP6Z13 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
MP6Z13
 
〈Tr.2〉
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
-2
-1.5
-1
-0.5
0
COLECTOR TO EMITTER VOLTAGE : V
CE[V]
Fig.1 Typical Output Characteristics
-2.5mA
-2.0mA
-1.5mA
-1.0mA
I
B=-0.5mA
-3.0mA
-5.0mA -4.0mA
10
100
1000
-1
-10
-100
-1000
-10000
COLLECTOR CURRENT : I
C[mA]
Fig.2 DC Current Gain vs. Collector Current ( I )
Ta=25
°C
V
CE= -5V
-3V
10
100
1000
-1
-10
-100
-1000
-10000
COLLECTOR CURRENT : I
C[mA]
Fig.3 DC Current Gain vs. Collector Current ( II )
V
CE= -3V
Ta=125
°C
75
°C
25
°C
-40
°C
-0.001
-0.01
-0.1
-1
-1
-10
-100
-1000
-10000
COLLECTOR CURRENT : I
C[mA]
Ta=25
°C
I
C/IB=50
20
10
Fig.4 Collector-Emitter Saturation Voltage vs. Collector Current ( I )
-0.001
-0.01
-0.1
-1
-1
-10
-100
-1000
-10000
COLLECTOR CURRENT : I
C[mA]
I
C/IB=20
Fig.5 Collector-Emitter Saturation Voltage vs. Collector Current ( II )
Ta=125
°C
75
°C
25
°C
-40
°C
-1
-10
-100
-1000
-10000
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
BASE TO EMITTER VOLTAGE : V
BE[V]
V
CE= -3V
Fig.6 Ground Emitter Propagation Characteristics
Ta=125
°C
75
°C
25
°C
-40
°C
5/7
2011.02 - Rev.A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com