Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS19 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BAS19
Description  Small Signal Diodes 250mW
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS19 Datasheet(HTML) 2 Page - Micro Commercial Components

  BAS19 Datasheet HTML 1Page - Micro Commercial Components BAS19 Datasheet HTML 2Page - Micro Commercial Components BAS19 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF = 100mA
1.0
V
IF = 200mA
1.25
V
Leakage Current
IR
VR = VRmax
100
nA
VR = VRmax; Tj = 150°C
100
µA
Dynamic Forward Resistance
rf
IF = 10mA
5
Capacitance
Ctot
VR = 0
——
5
pF
f = 1MHz
Reverse Recovery Time (see figures)
trr
IF = 30mA, IR = 30mA
50
ns
Irr = 3mA, RL = 100
(1)Device on fiberglass substrate, see layout (SOT-23).
0.59 (15)
0.2 (5)
0.03 (0.8)
0.30 (7.5)
0.12 (3)
.04 (1)
0.06 (1.5)
0.20 (5.1)
.08 (2)
.08 (2)
.04 (1)
0.47 (12)
Dimensions in inches (millimeters)
Layout for RΘJA test
Thickness: Fiberglass 0.059 in. (1.5 mm)
Copper leads 0.012 in. (0.3 mm)
Test Circuit and Waveforms (BAS19, BAS20, BAS21)
Test circuit
Input Signal
- total pulse duration
tp(tot) = 2
µs
- duty factor
δ = 0.0025
- rise time of reverse pulse
tr = 0.6ns
- reverse pulse duration
tp = 100ns
Oscilloscope
- rise time
tr = 0.35ns
- cicuit capitance*
C < 1pF
*C = oscilloscope input capactitance + parasitic capacitance
Waveforms; IR = 3 mA
Input signal
Output signal
MCC
BAS19 thru BAS21
www.mccsemi.com
Revision:
A
20
11/01/01
TM
Micro Commercial Components
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com