Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BAS40
Description  Surface Mount Schottky Barrier Diode 200 mWatt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS40 Datasheet(HTML) 2 Page - Micro Commercial Components

  BAS40 Datasheet HTML 1Page - Micro Commercial Components BAS40 Datasheet HTML 2Page - Micro Commercial Components BAS40 Datasheet HTML 3Page - Micro Commercial Components BAS40 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS40 and BAS70
Figure 1
Figure 2
Figure 3
Figure 4
ELECTRICAL CHARACTERISTICS PER DIODE @ 25
0C Unless otherwise specified
Repetitive
Peak Reverse
Voltage
VRRM
(VOLTS)
Reverse
Breakdown
Voltage
Tested with
10µA Pulse
V(BR)R
(VOLTS)
Leakage Current
Pulse test
tp < 300µs @
For BAS40
VR = 30 V
For BAS70
VR = 50 V
IR (nA)
Forward Voltage Pulse Test
tp < 300µs
at IF = 1 mA
at IF = 40 mA
VF (mV)
Reverse
Recovery
Time from
IF = 10 mA
through
IR=10mA to
IR=1mA
trr (ns)
Thermal
Resistance
Junction to
Ambient Air
RthJA (K/W)
Capacitance
At VR = 0V
F = 1 MHz
Ctot
pF
DEVICE
TYPE
DEVICE
MARKING
FIGURE
TYP
MIN
TYP
MAX
IF=1mA
IF=15mA IF=40mA
MAX
MAX
MAX
BAS40
43
1
40
40
10
200
380
1000
5
430
5
BAS40-04
44
2
40
40
10
200
380
1000
5
430
5
BAS40-05
45
3
40
40
10
200
380
1000
5
430
5
BAS40-06
46
4
40
40
10
200
380
1000
5
430
5
BAS70
73
1
70
70
10
200
410
1000
5
430
2
BAS70-04
74
2
70
70
10
200
410
1000
5
430
2
BAS70-05
75
3
70
70
10
200
410
1000
5
430
2
BAS70-06
76
4
70
70
10
200
410
1000
5
430
2
MCC
www.mccsemi.com
Revision: A
2011/01/01
TM
Micro Commercial Components
2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com