Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40WT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS40WT
Description  200mW 40Volt Plastic-Encapsulate Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS40WT Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS40WT Datasheet HTML 1Page - Micro Commercial Components BAS40WT Datasheet HTML 2Page - Micro Commercial Components BAS40WT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS40WT/-04/-05/-06
200mW 40Volt
Plastic-Encapsulate
Diode
Features
Pow Dissipation PD=200mW Tamb=25
Forward Current IF=200mA
Breakdown Voltage VBR=40V
Electrical Characteristics @ 25 C Unless Otherwise Specified
Reverse Breakdown
Voltage
V(BR)R
40V
IR=10µA
Maximum
Instantaneous
Forward Voltage
VF
380mV
1000mV
IFM = 1mA;
IFM = 40mA;
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
1uAVR=30Volts
Typical Junction
Capacitance
CD
5pF
Measured at
1.0MHz, VR=0V
Reverse Recovery
Time
Trr
5nS
IF=10mA through
IR=10mA to
IR=1mA
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
SOT-323
Suggested Solder
Pad Layout
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.071
.087
1.80
2.20
B
.045
.053
1.15
1.35
C
.079
.087
2.00
2.20
D
.026 Nominal
0.65Nominal
E
.047
.055
1.20
1.40
F
.012
.016
.30
.40
G
.000
.004
.000
.100
H
.035
.039
.90
1.00
J
.004
.010
.100
.250
K
.012
.016
.30
.40
A
C
B
D
E
F
G
H
J
1.90
0.70
0.90
0.65
0.65
DIMENSIONS
K
www.mccsemi.com
Revision: A
2011/01/01
TM
Micro Commercial Components
1 of 3
Operating Temperature: -55
to +150
Storage Temperature: -55
to +150
Maximum Ratings
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - BAS40WT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS40WT MCC-BAS40WT Datasheet
465Kb / 3P
200mW 40Volt Plastic-Encapsulate Diode
logo
Goodwork Semiconductor ...
BAS40WT GWSEMI-BAS40WT Datasheet
704Kb / 3P
Plastic-Encapsulate Diodes
logo
Yangzhou yangjie electr...
BAS40WTQ YANGJIE-BAS40WTQ Datasheet
966Kb / 4P
Small Signal Schottky Diode
logo
Micro Commercial Compon...
BAS40WT MCC-BAS40WT_13 Datasheet
258Kb / 3P
200mW 40Volt Plastic-Encapsulate Diode
More results

Similar Description - BAS40WT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS40WT MCC-BAS40WT Datasheet
465Kb / 3P
200mW 40Volt Plastic-Encapsulate Diode
BAS40-04T MCC-BAS40-04T Datasheet
176Kb / 3P
150mW 40Volt Plastic-Encapsulate Diode
BAS40TW MCC-BAS40TW Datasheet
212Kb / 3P
200mW 40Volt Schottky Barrier Diode
DAN217U MCC-DAN217U Datasheet
215Kb / 3P
200mW 80Volt Plastic-Encapsulate Diode
BAV99BRW MCC-BAV99BRW_13 Datasheet
281Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
BAV99DW-TP MCC-BAV99DW-TP Datasheet
226Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
BAS40TW-TP MCC-BAS40TW-TP Datasheet
255Kb / 3P
200mW 40Volt Schottky Barrier Diode
BAS40T-04T MCC-BAS40T-04T Datasheet
265Kb / 3P
150mW 40Volt Plastic-Encapsulate Diode
BAS40TW MCC-BAS40TW_14 Datasheet
320Kb / 3P
200mW 40Volt Schottky Barrier Diode
BAS40WT MCC-BAS40WT_13 Datasheet
258Kb / 3P
200mW 40Volt Plastic-Encapsulate Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com