Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT43 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAT43
Description  200 Milliamp Small Signal Schottky Diode 30 Volt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT43 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAT43 Datasheet HTML 1Page - Micro Commercial Components BAT43 Datasheet HTML 2Page - Micro Commercial Components BAT43 Datasheet HTML 3Page - Micro Commercial Components BAT43 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image





 























Features
•
&$'( )* 
•
 +',
•
$- ,  
•
. )/ ,"00°10°
•
)/ ,00°10°
•
%,/ 23°456,/7
Electrical Characteristics @ 25°C Unless Otherwise Specified
829
( )
(
(

$',,
,
 /:0

* 

5 /:;0
6,
/ ,
/
0°

8$',)
,
#
/<
/:0
%,
,
$'( )
+/#
+/#
(
(
;0(
#(
(
#0(
(
:3
:0
:
:
:0
:
%,*
29,
2'*+ 8)
( )

0=
µ
(:0( 
/:0°
/:°
/>  6,
 

! $
,'
?@(:0(
2929>
/
/ 
0
:
(:;(
2 :Ω






 




 

 

























DIMENSIONS
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
•
Marking : Cathode band and type number
www.mccsemi.com
1 of 4
Maximum Ratings
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
•
Moisture Sensitivity Level 1
Note:
1. Lead in Glass Exemption Applied, see EU Directive Annex 5.


Similar Part No. - BAT43

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT43 STMICROELECTRONICS-BAT43 Datasheet
89Kb / 4P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
logo
Diodes Incorporated
BAT43 DIODES-BAT43 Datasheet
50Kb / 1P
SCHOTTKY BARRIER SWITCHING DIODE
DS11001 Rev. G-2
logo
General Semiconductor
BAT43 GE-BAT43 Datasheet
42Kb / 2P
Schottky Diodes
logo
Galaxy Semi-Conductor H...
BAT43 BILIN-BAT43 Datasheet
165Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
logo
GOOD-ARK Electronics
BAT43 GOOD-ARK-BAT43 Datasheet
56Kb / 1P
Small-Signal Diode
More results

Similar Description - BAT43

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Shanghai Lunsure Electr...
BAT42 CHENYI-BAT42 Datasheet
134Kb / 3P
200 Milliamp small signal schottky diode 30volt
BAT45 CHENYI-BAT45 Datasheet
99Kb / 2P
30 Milliamp small signal schottky diode 15volt
logo
SeCoS Halbleitertechnol...
SCS715T SECOS-SCS715T Datasheet
126Kb / 2P
30 mA, 40 V Small Signal Schottky Diode
logo
Micro Commercial Compon...
BAT45 MCC-BAT45 Datasheet
603Kb / 3P
30Milliamp Small Signal Schottky Diode 15 Volt
BAT42 MCC-BAT42_12 Datasheet
252Kb / 4P
200 Milliamp Small Signal Schottky Diode 30 Volt
BAT45 MCC-BAT45_12 Datasheet
368Kb / 3P
30 Milliamp Small Signal Schottky Diode 15 Volt
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com