Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH28F008SA Datasheet(PDF) 16 Page - Sharp Corporation

Part # LH28F008SA
Description  8M (1M 횞 8) Flash Memory
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SA Datasheet(HTML) 16 Page - Sharp Corporation

Back Button LH28F008SA Datasheet HTML 12Page - Sharp Corporation LH28F008SA Datasheet HTML 13Page - Sharp Corporation LH28F008SA Datasheet HTML 14Page - Sharp Corporation LH28F008SA Datasheet HTML 15Page - Sharp Corporation LH28F008SA Datasheet HTML 16Page - Sharp Corporation LH28F008SA Datasheet HTML 17Page - Sharp Corporation LH28F008SA Datasheet HTML 18Page - Sharp Corporation LH28F008SA Datasheet HTML 19Page - Sharp Corporation LH28F008SA Datasheet HTML 20Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
LH28F008SA
8M (1M × 8) Flash Memory
16
*WARNING: Stressing the device beyond the “Abso-
lute Maximum Ratings” may cause permanent dam-
age. These are stress ratings only. Operation beyond
the “Operating Conditions” is not recommended and
extended exposure beyond the “Operating Conditions”
may affect device reliability.
SYMBOL
PARAMETER
MIN.
MAX.
UNITS
NOTE
T
A
Operating Temperature
0
70.0
°C
V
CC
V
CC Supply Voltage (10%)
4.50
5.50
V
5
V
CC
V
CC Supply Voltage (5%)
4.75
5.25
V
5
NOTES:
1. Operating temperature is for commercial product defined by this specification.
2. Minimum DC voltage is -0.5 V on input/output pins. During transitions, this level may undershoot to -2.0 V for periods < 20 ns.
Maximum DC voltage on input/output pins is VCC + 0.5 V which, during transitions, may overshoot to VCC + 2.0 V for periods < 20 ns.
3. Maximum DC voltage on VPP may overshoot to +14.0 V for periods < 20 ns.
4. Output shorted for no more than one second. No more than one output shorted at a time.
5. 5% VCC specification reference the LH28F008SA-85 in its High Speed configuration, 10% VCC specifications reference the
LH28F008SA-85 in its Standard configuration, and the LH28F008SA-12.
ABSOLUTE MAXIMUM RATINGS*
Operating Temperature
During Read ......................................... 0°C to +70°C1
During Block Erase/Byte Write ............... 0°C to +70°C
Temperature Under Bias ..................... -10°C to +80°C
StorageTemperature ......................... -65°C to +125°C
Voltage on Any Pin (except VCC and VPP)
with Respect to GND ..................... -2.0 V to +7.0 V2
VPP Program Voltage with Respect to GND during
Block Erase/Byte Write ............. -2.0 V to +14.0 V2, 3
VCC Supply Voltage with Respect
to GND ........................................... -2.0 V to +7.0 V2
Output Short Circuit Current .......................... 100 mA4
DC CHARACTERISTICS
SYMBOL
PARAMETER
TYP.
MIN.
MAX.
UNITS
TEST CONDITIONS
NOTE
I
LI
Input Load Current
±1.0
µA
V
CC = VCC MAX., VIN = VCC or GND
1
I
LO
Output Leakage Current
±10.0
µA
V
CC = VCC MAX., VOUT = VCC or GND
1
I
CCS
V
CC Standby Current
1.0
2.0
mA
V
CC = VCC MAX., CE » = PWD = VIH
1, 3
30
100.0
µA
V
CC = VCC MAX.,
CE
» = PWD = Vcc ±0.2 V
I
CCD
V
CC Deep Power Down
Current
0.20
1.2
µA
PWD = GND ±0.2
I
OUT (RY »/BY ») = 0 mA
1
I
CCR
V
CC Read Current
20
35.0
mA
V
CC = VCC MAX., CE » = GND
f = 8 MHz, I
OUT = 0 mA
CMOS Inputs
1
25
50.0
mA
V
CC = VCC MAX., CE » = VIL
f = 8 MHz, I
OUT = 0 mA
TTL Inputs
OPERATING CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com