Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT46 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BAT46
Description  Small Signal Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT46 Datasheet(HTML) 2 Page - Micro Commercial Components

  BAT46 Datasheet HTML 1Page - Micro Commercial Components BAT46 Datasheet HTML 2Page - Micro Commercial Components BAT46 Datasheet HTML 3Page - Micro Commercial Components BAT46 Datasheet HTML 4Page - Micro Commercial Components BAT46 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image



  
DO-35























Features
•
$&  '  

•
())*'+, "'"+ &)*
&
()+ )-,./'
&')&&%++ &' 
)&






 

 

























Maximum Ratings
•
0 &( '"11°21°

•
&( '11°21°

•
%'( 34°567'(-

Electrical Characteristics @ 25°C Unless Otherwise Specified
3 +8
3+9 &
9
9

$)''
'

1
2 
(:1

; 

16
2 
(:<1

7'
( '
(
1°

8$)'&
'
 
!1
2 
( =
(:1

$)+ &
' ( =>
9:9(:<
?=@
9
19
#19
9


:
:
:1

A8&'
'  =>
?=@



1>
µ
µ
1µ
9:19
9:9
9:19
9:!19
(,  7'
 

< $
')
BC9:9
3+3+,
(
(
1
:
9:<9
3:Ω
2.. 9 ) +)) )8 - '










 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Revision: 6
2008/02/01
TM
Micro Commercial Components
•
Marking : Cathode band and type number
www.mccsemi.com
3 of 4
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
•
Moisture Sensitivity: Level 1 per J-STD-020C
Note: 1. Lead in Glass Exemption Applied, see EU Directive Annex 5.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com