Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54LP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAT54LP
Description  200mWatt, 30Volt Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT54LP Datasheet(HTML) 1 Page - Micro Commercial Components

  BAT54LP Datasheet HTML 1Page - Micro Commercial Components BAT54LP Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAT54LP
200mWatt, 30Volt
Schottky Barrier Diode
Features
Ultra-Small Surface Mount Package
Low Forward Voltage Drop
Extremely Fast Switching Speed
DC Blocking Voltage
VR
21V
Average Rectified Output Current
IO
100mA
Repetitive Peak Forward Current
IFRM
300mA
Forward Surge Current
IFSM
600mA
Total Power Dissipation @ TA = 25 C
PD
200mW
Storage Temperature Range
Tstg
-65 C to 150 C
Junction Temperature
Tj
1
2
5 C
Electrical Characteristics @ 25 C Unless Otherwise Specified
Ratings
Symbol
Max.
Notes
240mV
320mV
400mV
500mV
1000mV
Reverse Current
IR
2 A
VR = 25V
Reverse Breakdown
Voltage
V(BR)
>30V
IR=100uA
Total Capacitance
CT
10pF
Measured at
1.0MHz, VR=1.0V
Reverse Recovery
Time
trr
5
ns
IF = 10mA ;
IR = 10mA ~1.0mA,
RL = 100
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
1 of 2
Thermal Resistance Junction to Ambient
RqJA
625°C/W
Revision: A
2011/02/15
MCC
TM
Micro Commercial Components
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Marking: L9
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
Maximum Ratings
Non-Repetitive Peak Reverse Voltage
VRM
30V
Forward continuous Current
IF
200mA
F = 0.1mA
I
F = 1.0mA
I
F = 10mA
I
F = 30mA
I
F = 100mA
I
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
0.018
0.022
0.45
0.55
B
0.000
0.003
0.01
0.07
C
0.018REF.
0.450REF.
D
0.037
0.041
0.95
1.05
E
0.022
0.026
0.55
0.65
F
0.016 REF.
0.400 REF.
G
0.011
0.013
0.275
0.325
H
0.000 REF.
0.010 REF.
L
0.011
0.013
0.275
0.325
A
B
D
C
L
H
E
G
F
SOD-882
_
+
L9
Forward Voltage
V
F


Similar Part No. - BAT54LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54LP DIODES-BAT54LP Datasheet
76Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30504 Rev. 10 - 2
BAT54LP DIODES-BAT54LP Datasheet
107Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30504 Rev. 11 - 2
logo
GOOD-ARK Electronics
BAT54LP GOOD-ARK-BAT54LP Datasheet
389Kb / 4P
DFN 1.0X0.6-2L Plastic-Encapsulate Schottky Barrier Diode
logo
Diodes Incorporated
BAT54LP DIODES-BAT54LP Datasheet
363Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 15
BAT54LP-7 DIODES-BAT54LP-7 Datasheet
142Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30637 Rev. 3 - 2
More results

Similar Description - BAT54LP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT54 MCC-BAT54_11 Datasheet
201Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54TW MCC-BAT54TW Datasheet
236Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54W MCC-BAT54W Datasheet
252Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54WS MCC-BAT54WS Datasheet
193Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54C-TP MCC-BAT54C-TP Datasheet
257Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54AWT-TP MCC-BAT54AWT-TP Datasheet
380Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54L2 MCC-BAT54L2 Datasheet
407Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54 MCC-BAT54_14 Datasheet
363Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54TW MCC-BAT54TW_13 Datasheet
267Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54WS MCC-BAT54WS_13 Datasheet
322Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com