Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54WS Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BAT54WS
Description  200mWatt, 30Volt Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT54WS Datasheet(HTML) 2 Page - Micro Commercial Components

  BAT54WS Datasheet HTML 1Page - Micro Commercial Components BAT54WS Datasheet HTML 2Page - Micro Commercial Components BAT54WS Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes: 1. A 2.0 k
Ω variable resistor adjusted for a Forward Current (I
F ) of 10mA.
Notes: 2. Input pulse is adjusted so I
R(peak) is equal to 10mA.
Notes: 3. t
p » t rr
Figure 1. Recovery Time Equivalent Test Circuit
+10 V
2.0 k
820
Ω
100
µH
0.1
µF
D U T
0.1
µF
50
Ω OUTPUT
PULSE
GENERATOR
t
r
50
Ω INPUT
SAMPLING
OSCILLOSCOPE
t
p
t
10%
90%
I
F
I
R
t
rr
t
i
R(REC) = 1.0 mA
OUTPUT PULSE
(I
F = I R = 10 mA; MEASURED
at i
R(REC) = 1.0 mA)
INPUTSIGNAL
I
F
V
R
MCC
BAT54WS
0
Ta = 75˚C
Ta = 25˚C
Ta = -25˚C
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1m
10m
100m
pulse measurement
1
µ
10
µ
100
µ
1000m
Typ.
FORWARD VOLTAGE : VF
(V)
Fig. 2 Forward characteristics
0
5
10
15
20
25
30
35
100n
10n
1n
Ta = 125˚C
Ta = 75˚C
Ta = 25˚C
Ta = -25˚C
pulse measurement
Typ.
100
µ
10
µ
1
µ
REVERSE VOLTAGE : VR
(V)
Fig. 3 Reverse characteristics
0
2468
10
12
14
1
2
5
10
20
50
100
f = 1MHz
Ta = 25˚C
REVERSE VOLTAGE : VR
(V)
Fig. 4 Capacitance between
terminals characteristics
www.mccsemi.com
TM
Micro Commercial Components
2 of 3
Revision: A
2011/01/01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com