Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV199DW Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BAV199DW
Description  200mW 85Volt Plastic-Encapsulate Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAV199DW Datasheet(HTML) 2 Page - Micro Commercial Components

  BAV199DW Datasheet HTML 1Page - Micro Commercial Components BAV199DW Datasheet HTML 2Page - Micro Commercial Components BAV199DW Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAV199DW
MCC
www.mccsemi.com
Revision: A
2011/01/01
TM
Micro Commercial Components
2 of 3
0
50
100
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
Fig. 1 Power Derating Curve
150
200
250
300
Device mounted on an
FR4 printed-circuit board
Single diode loaded
Double diode loaded
0
50
100
150
200
300
200
250
100
150
50
0
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 2 Current Derating Curve
10
1.0
100
1000
0.1
0.01
01
2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig.3 Typical Forward Characteristics
0.1
1
10
0
50
150
100
200
T , AMBIENT TEMPERATURE (
)
A
Fig.4 Typical Reverse Characteristics
°C
V
= 75V
R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com