Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSB12JS2 Datasheet(PDF) 1 Page - Rohm

Part # RSB12JS2
Description  Low Capacitance Protection Device
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSB12JS2 Datasheet(HTML) 1 Page - Rohm

  RSB12JS2 Datasheet HTML 1Page - Rohm RSB12JS2 Datasheet HTML 2Page - Rohm RSB12JS2 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Low Capacitance Protection Device
RSB12JS2
Applications
Dimensions(Unit : mm )
Land size figure(Unit : mm)
ESD Protection
Features
1) Ultra small mold type. (EMD6)
2) Low capacitance
3) Bi direction
Construction
Silicon Epitaxial Planar
Structure
Taping specifications(Unit : mm )
Absolute maximum ratings (Ta=25°C)
Symbol
Unit
PmW
Tj
°C
Tstg
°C
Electrical characteristic (Ta=25°C) (
Rating of per diode)
Symbol
Min.
Typ.
Max.
Unit
VZ
9.6
-
14.4
V
IZ=5mA
IR
-
-
0.10
μA
VR=9V
Ct
-1
-
pF
f=1MHz,VR=0V
Zener voltage
Reverse current
Capacitance between terminals
Parameter
Limits
Power dissipation
150
Parameter
Conditions
Junction temperature
150
Storage temperature
55 to 150
EMD6
0.4
0.25 0.15
1.0
0.5
0.5
0.25
0.15
0.3
Please make 3 and 6 Pin open in circuit upon use.
φ1.5
+0.1
−0
4.0
±0.1
4.0
±0.1
0.65
±0.1
0.3
±0.1
1.7
±0.05
1PIN
2.0
±0.05
φ0.8±0.1
(1)
(3)
(2)
(4)
(5)
(6)
ROHM : EMD6
JEITA : SC-75A Size
dot (year week factory)
0.13±0.05
0.5±0.05
0~0.1
(1)
(5)
(3)
(6)
(2)
(4)
0.5
0.5
1.0±0.1
0.22±0.05
1.6±0.1
1/2
2011.04 - Rev.C


Similar Part No. - RSB12JS2

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB12JS2 ROHM-RSB12JS2 Datasheet
104Kb / 4P
Bi Direction ESD Protection Diode
RSB12JS2 ROHM-RSB12JS2 Datasheet
333Kb / 3P
Low Capacitance Protection Device
RSB12JS2FH ROHM-RSB12JS2FH Datasheet
775Kb / 6P
Low Capacitance Protection Device
RSB12JS2T2R ROHM-RSB12JS2T2R Datasheet
333Kb / 3P
Low Capacitance Protection Device
More results

Similar Description - RSB12JS2

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB12Z ROHM-RSB12Z Datasheet
140Kb / 3P
Low Capacitance Protection Device
RSB12W ROHM-RSB12W Datasheet
142Kb / 3P
Low Capacitance Protection Device
RSB12W ROHM-RSB12W_11 Datasheet
1Mb / 3P
Low Capacitance Protection Device
RSB12Z ROHM-RSB12Z_10 Datasheet
376Kb / 3P
Low Capacitance Protection Device
RSB12JS2T2R ROHM-RSB12JS2T2R Datasheet
333Kb / 3P
Low Capacitance Protection Device
RSB12ZT2L ROHM-RSB12ZT2L Datasheet
234Kb / 3P
Low Capacitance Protection Device
logo
YAGEO Corporation
UE0201FCR-0715V YAGEO-UE0201FCR-0715V Datasheet
504Kb / 8P
ULTRA LOW CAPACITANCE PROTECTION DEVICE
logo
Rohm
RSB12JS2FH ROHM-RSB12JS2FH Datasheet
775Kb / 6P
Low Capacitance Protection Device
RSB12WFH ROHM-RSB12WFH Datasheet
858Kb / 6P
Low Capacitance Protection Device
RSB12ZFH ROHM-RSB12ZFH Datasheet
841Kb / 6P
Low Capacitance Protection Device
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com