Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML012ECT Datasheet(PDF) 2 Page - Rohm

Part # SML012ECT
Description  Reflector type (3.0 x 2.0mm, t=1.3mm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML012ECT Datasheet(HTML) 2 Page - Rohm

  SML012ECT Datasheet HTML 1Page - Rohm SML012ECT Datasheet HTML 2Page - Rohm SML012ECT Datasheet HTML 3Page - Rohm SML012ECT Datasheet HTML 4Page - Rohm SML012ECT Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
100
10
1
FORWARD VOLTAGE:VF (V)
2.5
3.0
3.5
Ta=25°C
100
10
1
FORWARD VOLTAGE:VF (V)
2.0
1.5
2.5
Ta=25°C
ATMOSPHERE TEMPERATURE:Ta (
°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
ATMOSPHERE TEMPERATURE:Ta (°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
ATMOSPHERE TEMPERATURE:Ta (°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
FORWARD CURRENT:IF (mA)
0
5
10
15
30
25
20
0
1.0
0.5
2.0
1.5
Ta=25°C
1.2
0.8
0.6
0.4
0.2
1.0
0.1
FORWARD CURRENT:IF (mA)
0
5
10
15
20
Ta=25°C
AMBIENT TEMPERATURE:Ta (°C)
40
30
20
10
0
20
-20
40
-40
60
80 100
0
AMBIENT TEMPERATURE:Ta (°C)
40
20
10
-40
-20
0
20
40
60
80
100
0
30
FORWARD VOLTAGE:VF (V)
1.5
2.0
2.5
1
10
100
Ta=25°C
AMBIENT TEMPERATURE:Ta (
°C)
0
10
20
40
-40
-20
0
20
40
60
80
100
30
FORWARD CURRENT:IF (mA)
0
0.8
0.4
1.2
1.6
10
0
20
30
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
■
■
■SML012ECT
■SML012BCT
■SML012EC4T
■SML012BC4T
■SML013BDT
■SML013WBDW
■ ■SML012ECT
■SML012BCT
■SML012EC4T
■SML012BC4T
■SML013BDT
■SML013WBDW
■
■
■
■SML-012VT(A)
■SML-012WT(A)
■SML-012UT
■SML-011UT
■SML-012DT
■SML-011DT
■SML-012YT
■SML-011YT
■SML-012PT(A)
■
■
■
■
■SML-012V8T
■SML-012U8T
■SML-013UT
■SML-012D8T
■SML-012Y8T
■SML-012M8T
■SML-012P8T
■SML-013YT
■
■
■SML-012V8T
■SML-012U8T
■SML-012D8T
■SML-012Y8T
■SML-012M8T
■SML-012P8T
■SML-013UT
■SML-013YT
■
■
■
■
■SML-012V8T
■SML-012U8T
■SML-012D8T
■SML-012Y8T
■SML-012M8T
■SML-012P8T
■SML-013UT
■SML-013YT
■
■
■SML-012V8T
■SML-012U8T
■SML-012D8T
■SML-012Y8T
■SML-012M8T
■SML-012P8T
■SML-013UT
■SML-013YT
■SML-012VT(A)
■SML-012WT(A)
■SML-012PT(A)
■SML-012UT
■SML-011UT
■SML-012DT
■SML-011DT
■SML-012YT
■SML-011YT
■
■
■SML-012VT(A)
■SML-012UT
■SML-011UT
■SML-012DT
■SML-011DT
■SML-012WT(A)
■SML-012YT
■SML-011YT
■SML-012PT(A)
■SML-012VT(A)
■SML-012WT(A)
■SML-012UT
■SML-011UT
■SML-012DT
■SML-011DT
■SML-012YT
■SML-011YT
■SML-012PT(A)
■
■
■
■
■ ■SML012ECT
■SML012BCT
■SML012EC4T
■SML012BC4T
■SML013BDT
■SML013WBDW
■ ■SML012ECT
■SML012BCT
■SML012EC4T
■SML012BC4T
■SML013BDT
■SML013WBDW
SML-01 series
2/4
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com