Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC640 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BC640
Description  PNP Epitaxial Silicon Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC640 Datasheet(HTML) 1 Page - Micro Commercial Components

  BC640 Datasheet HTML 1Page - Micro Commercial Components BC640 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BC636-16
BC638
BC640
PNP Epitaxial
Silicon Transistors
Features
•
Through Hole Package
•
Capable of 830mWatts of Power Dissipation
Maximum Ratings
Symbol
Rating
Value
Unit
VCEO
Collector-Emitter Voltage
BC636
-45
V
BC638
-60
V
BC640
-100
V
VCBO
Collector-Base Voltage
BC636
-45
V
BC638
-60
V
BC640
-80
V
VEBO
Emitter-Base Voltage
-5.0
V
IC
Collector Current
-1.0
A
IB
Base Current
-100
mA
TJ
Junction Temperature
-65 to +150
℃
TSTG
Storage Temperature
-65 to +150
℃
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Unit
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=-1mAdc,IB=0)
BC636
-45
---
---
Vdc
BC638
-60
Vdc
BC640
-80
Vdc
ICBO
Collector Cutoff Current
(VCB=-30Vdc, IE=0)
---
---
-0.1
μAdc
IEBO
Emitter Cutoff Current
(VEB=-5.0Vdc, IC=0)
---
---
-0.1
μAdc
hFE(1)
DC Current Gain
(VCE=-2Vdc, IC=-5mAdc)
40
---
---
hFE(2)
DC Current Gain
(VCE=-2Vdc, IC=-150mAdc) BC636-10
63
160
BC636-16,BC638 ,BC640
100
250
hFE(3)
DC Current Gain
(VCE=-2Vdc, IC=-500mAdc)
25
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-500mAdc,IB=-50mAdc)
---
---
-0.5
Vdc
VBE(on)
Base-Emitter Voltage
(IC=-500mAdc, VCE=-2Vdc)
---
---
-1.0
Vdc
fT
Transition Frequency
(VCE=-5.0Vdc, IC=-50mAdc, f=100MHz)
100
---
---
MHz
BC636-10
TO-92
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.170
.190
4.33
4.83
B
.170
.190
4.30
4.83
C
.550
.590
13.97
14.97
D
.010
.020
0.36
0.56
E
.130
.160
3.30
3.96
G
.010
.104
2.44
2.64
A
E
B
C
D
G
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
TM
Micro Commercial Components
Revision: 1
2011/01/01
www.mccsemi.com
1 of 2
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
E
C
B


Similar Part No. - BC640

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC640 MOTOROLA-BC640 Datasheet
116Kb / 4P
High Current Transistors
logo
ON Semiconductor
BC640 ONSEMI-BC640 Datasheet
86Kb / 4P
High Current Transistors(PNP Silicon)
June, 2000 ??Rev. 1
logo
NXP Semiconductors
BC640 PHILIPS-BC640 Datasheet
43Kb / 8P
PNP medium power transistors
1999 Apr 23
logo
Siemens Semiconductor G...
BC640 SIEMENS-BC640 Datasheet
126Kb / 5P
PNP Silicon AF Transistors (High current gain High collector current)
logo
Fairchild Semiconductor
BC640 FAIRCHILD-BC640 Datasheet
62Kb / 3P
PNP EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - BC640

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SB1197 MCC-2SB1197 Datasheet
70Kb / 2P
PNP Silicon Epitaxial Transistors
2SA1213-O MCC-2SA1213-O Datasheet
480Kb / 4P
PNP Silicon Epitaxial Transistors
2SB1386-P MCC-2SB1386-P Datasheet
376Kb / 4P
PNP Silicon Epitaxial Transistors
logo
ON Semiconductor
BCP53-16T1G ONSEMI-BCP53-16T1G Datasheet
141Kb / 5P
PNP Silicon Epitaxial Transistors
November, 2011 ??Rev. 8
BCP53T1G ONSEMI-BCP53T1G Datasheet
141Kb / 5P
PNP Silicon Epitaxial Transistors
November, 2011 ??Rev. 8
BCP53-16T3G ONSEMI-BCP53-16T3G Datasheet
100Kb / 5P
PNP Silicon Epitaxial Transistors
February, 2011 ??Rev. 3
SBCP53T1G ONSEMI-SBCP53T1G Datasheet
85Kb / 5P
PNP Silicon Epitaxial Transistors
September, 2013 ??Rev. 10
logo
Micro Commercial Compon...
2SA1464-P MCC-2SA1464-P Datasheet
627Kb / 4P
PNP Silicon Epitaxial Transistors
2SB1182-P MCC-2SB1182-P_13 Datasheet
509Kb / 4P
PNP Silicon Epitaxial Transistors
logo
FutureWafer Tech Co.,Lt...
BCP69 FUTUREWAFER-BCP69 Datasheet
1Mb / 9P
PNP Silicon Epitaxial Transistors
24-NOV-2021 V 2.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com