Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML-810DWT87P Datasheet(PDF) 1 Page - Rohm

Part # SML-810DWT87P
Description  Reverse-mount type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-810DWT87P Datasheet(HTML) 1 Page - Rohm

  SML-810DWT87P Datasheet HTML 1Page - Rohm SML-810DWT87P Datasheet HTML 2Page - Rohm SML-810DWT87P Datasheet HTML 3Page - Rohm SML-810DWT87P Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
1.25
Hole
φ2.4
Tolerance : ±0.1
(unit : mm)
(unit : mm)
SML-81 Series
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
Y’
X’
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
Y
X
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
Y’
X’
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
Y
X
SML-811(A) / SML-812 / SML-810 Series
SML812BCT
Features
・Reverse-mount type
3412(1305)
3.4×1.25mm(t=1.1mm)
*1:Duty1/5, 200Hz / *2:Duty1/10,1kHz / *3:Reference
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta=25℃)
Electrical and Optical Characteristics (Ta=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength λD Luminous Intensity IV
Typ.
(V) IF(mA)
Max.
(μA) VR(V)
Min.*
3
(nm)
Typ.
(nm)
Max.*
3
(nm) IF(mA)
Min.
(mcd)
Typ.
(mcd) IF(mA)
■ SML-811UT(A)
AIGaInP
on GaAs
Red
62
25
100  
*2
5
-40 to +85
-40 to +100
1.95
10
100
5
615
620
625
10
11.2 22.4
10
■ SML-811DT(A)
Orange
602
605
608
■ SML-811WT(A)
Yellow
587
590
593
14
28
■ SML-812MT
Yellowish
Green
65
60  
*1
4
-30 to +85
-40 to +85
2.1
20
4
569
572
575
20
40
20
■ SML-810MT
GaP
2.2
567
570
573
5.6
16
■ SML812BCT
InGaN
Blue
80
20
100  
*2
5
3.3
5
464
470
476
22
56
RELATIVE INTENSITY (%)
RELATIVE INTENSITY (%)
RELATIVE INTENSITY (%)
RELATIVE INTENSITY (%)
Specifications
Dimensions
Recommended Solder Pattern Viewing Angle
Color
Type
U
D
W
M
B
1/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Similar Part No. - SML-810DWT87P

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-810 ROHM-SML-810 Datasheet
163Kb / 3P
Standard Type Back-fire chip LEDs
SML-810MT ROHM-SML-810MT Datasheet
76Kb / 3P
Reverse mount type chip LED
SML-810MT ROHM-SML-810MT Datasheet
163Kb / 3P
Standard Type Back-fire chip LEDs
logo
List of Unclassifed Man...
SML-810MT ETC1-SML-810MT Datasheet
106Kb / 2P
LEDs, Surface Mount
logo
Rohm
SML-810TB ROHM-SML-810TB Datasheet
116Kb / 6P
Photo Transistor
More results

Similar Description - SML-810DWT87P

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
PS1191RB STANLEY-PS1191RB Datasheet
183Kb / 10P
Surface Mount Phototransistor/Reverse Mount Type
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
Surface Mount IRED/Reverse Mount Type
DNK1111R STANLEY-DNK1111R Datasheet
255Kb / 14P
Surface Mount IRED/Reverse Mount Type
logo
Rohm
SML-811WTT86 ROHM-SML-811WTT86 Datasheet
590Kb / 11P
Reverse-mount available type
SML812BCTT86 ROHM-SML812BCTT86 Datasheet
590Kb / 11P
Reverse-mount available type
SML-810TBT86 ROHM-SML-810TBT86 Datasheet
1Mb / 4P
Reverse-mount type phototransistors
SML-812MTT86 ROHM-SML-812MTT86 Datasheet
1Mb / 12P
Reverse-mount available type
logo
Adam Technologies, Inc.
CF2A-50-SG-R-C1 ADAM-TECH-CF2A-50-SG-R-C1 Datasheet
225Kb / 1P
CF TYPE SOCKET REVERSE MOUNT
logo
Rohm
SML-811VT ROHM-SML-811VT Datasheet
389Kb / 11P
Reverse-mount available type
logo
STANLEY ELECTRIC CO.,LT...
VCEW1154RDS-TR STANLEY-VCEW1154RDS-TR Datasheet
681Kb / 25P
Reverse mount type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com