Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML-810BWT87P Datasheet(PDF) 3 Page - Rohm

Part # SML-810BWT87P
Description  Reverse-mount type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-810BWT87P Datasheet(HTML) 3 Page - Rohm

  SML-810BWT87P Datasheet HTML 1Page - Rohm SML-810BWT87P Datasheet HTML 2Page - Rohm SML-810BWT87P Datasheet HTML 3Page - Rohm SML-810BWT87P Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SML812BCT
SML-81 Series
Rank Reference of Brightness
Red (U) Orange (D) Yellow (W)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
AG
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
9.0 to 11.2 11.2 to 14 14 to 18 18 to 22.4 22.4 to 28 28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355
Reverse
Mount Chip
LEDs
34125
1.1
SML-811UT(A)
SML-811DT(A)
SML-811WT(A)
*Please note that the brightness of some products may fall between ranks (half rank).
Green (M) Blue (B)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Reverse
Mount Chip
LEDs
34125
1.1
SML-810MT
※
SML-812MT
※
※Brightness on specification sheet include tolerance of within ±10%.
Part No. Construction
∗
Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S M L
8 1 2 M T T 8 6
∗
“−” will be taken out for
emitting color B series.
Series name
Package type
Chip Type Emitting Color Resin Color Taping Specifications
Rank sign (Brightness Rank)∗
U
1
0 Standard Type
2 High Brightness Type
Low Current Type
D
W
M
B
T86
T87
1
Cathode at sprocket hole side
For white LED, cathode at sprocket hole side
Reverse of T86
W MilkyWhite
Red:620nm
Orange:605nm
Yellow:590nm
Yellowish-Green:570(572)nm
Blue:470nm
P
Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
3/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com