Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WML-D12M8WT87P Datasheet(PDF) 1 Page - Rohm

Part # WML-D12M8WT87P
Description  Original device technology enables high brightness and high reliability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

WML-D12M8WT87P Datasheet(HTML) 1 Page - Rohm

  WML-D12M8WT87P Datasheet HTML 1Page - Rohm WML-D12M8WT87P Datasheet HTML 2Page - Rohm WML-D12M8WT87P Datasheet HTML 3Page - Rohm WML-D12M8WT87P Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
0.8
Terminal
Cathode mark
1.2
1.6
R0.15
0.8
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
Y
X
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
Y’
X’
RELATIVE INTENSITY (%)
RELATIVE INTENSITY (%)
X - Y
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
RELATIVE INTENSITY (%)
X’
Y’
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
RELATIVE INTENSITY (%)
*1:Duty1/10, 1kHz / *2:Reference
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta=25℃)
Electrical and Optical Characteristics (Ta=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength λD Luminous Intensity IV
Typ.
(V) IF(mA)
Max.
(μA) VR(V)
Min.*
2
(nm)
Typ.
(nm)
Max.*
2
(nm) IF(mA)
Min.
(mcd)
Typ.
(mcd) IF(mA)
■ SML-D12V8W
AIGaInP on
GaAs
Red
54
20
100*
1
5
-40 to +85
-40 to +100
2.2
20
10
4
625
630
635
20
16
40
20
■ SML-D12U8W
Red
615
620
625
25
63
■ SML-D12D8W
Orange
602
605
608
40
100
■ SML-D12Y8W
Yellow
587
590
593
25
63
■ SML-D12M8W
Yellowish
Green
569
572
575
10
25
■ SML-D12P8W
Green
557
560
563
2.5
6.3
■ SMLD12HBC7W
InGaN
Pink
78
2.9
5
5
(x, y) (0.47, 0.25)
5
9.0
22
5
SML-D1 series
Tolerance : ±0.1
(unit : mm)
SMLD12HBC7W
(unit : mm)
Color
Type
V
U
D
Y
M
P
HB
SML-D1 Series
EXCELEDTM
Features
・Original device technology enables high brightness
and high reliability
1608(0603)
1.6×0.8mm(t=0.55mm)
Specifications
Dimensions
Recommended Solder Pattern Viewing Angle
EXCELED
TM is ROHME's pending trademark.
1/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Similar Part No. - WML-D12M8WT87P

ManufacturerPart #DatasheetDescription
logo
Brady Worldwide, Inc.
WML-505-499-2S BRADY-WML-505-499-2S Datasheet
295Kb / 1P
Cable Marking Labels
WML-505-502-2S BRADY-WML-505-502-2S Datasheet
295Kb / 1P
Cable Marking Labels
WML-511-292 BRADY-WML-511-292 Datasheet
295Kb / 1P
Cable Marking Labels
WML-517-292 BRADY-WML-517-292 Datasheet
295Kb / 1P
Cable Marking Labels
WML-711-292 BRADY-WML-711-292 Datasheet
295Kb / 1P
Cable Marking Labels
More results

Similar Description - WML-D12M8WT87P

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-51VW ROHM-SML-51VW Datasheet
167Kb / 3P
Original device technology enables high brightness and high reliability
SML-51 ROHM-SML-51_11 Datasheet
1Mb / 4P
Original device technology enables high brightness
SML-D14 ROHM-SML-D14 Datasheet
442Kb / 8P
Original device technology enables high brightness and high reliability
SML-D14A ROHM-SML-D14A Datasheet
442Kb / 8P
Original device technology enables high brightness and high reliability
SML-P12YTT86 ROHM-SML-P12YTT86 Datasheet
919Kb / 11P
Original device technology enables high brightness and high reliability
SML-D13VW ROHM-SML-D13VW Datasheet
491Kb / 11P
Original device technology enables high brightness
SML-D14VW ROHM-SML-D14VW Datasheet
650Kb / 11P
Original device technology enables high brightness
SML-E12V8W ROHM-SML-E12V8W Datasheet
578Kb / 13P
Original device technology enables high brightness
SML-D12Y3W ROHM-SML-D12Y3W Datasheet
555Kb / 11P
Original device technology enables high brightness and high reliability
SML-E1X ROHM-SML-E1X Datasheet
572Kb / 12P
Original device technology enables high brightness and high reliability
2017.3 - Rev.004
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com