Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML-M12DWT87P Datasheet(PDF) 1 Page - Rohm

Part # SML-M12DWT87P
Description  Compact LED with reflector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-M12DWT87P Datasheet(HTML) 1 Page - Rohm

  SML-M12DWT87P Datasheet HTML 1Page - Rohm SML-M12DWT87P Datasheet HTML 2Page - Rohm SML-M12DWT87P Datasheet HTML 3Page - Rohm SML-M12DWT87P Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
2.0
0.8
1.0
Through hole
Cathode mark
Terminal
Curve direction
1.1
Unit : mm
Tolerance : ±0.2
Unit : mm
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta=25℃)
Electrical and Optical Characteristics (Ta=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength λD Luminous Intensity IV
Typ.
(V) IF(mA)
Max.
(μA) VR(V)
Min.*
2
(nm)
Typ.
(nm)
Max.*
2
(nm) IF(mA)
Min.
(mcd)
Typ.
(mcd) IF(mA)
■ SML-M13VT
AlGaInP
on GaAs
Red
63
25
100*
1
5
-40 to +85
-40 to +100
2.0
20
*1
10
5
625
630
635
20
40
75
20
■ SML-M13UT
615
620
625
63
120
■ SML-M13DT
Orange
602
605
608
100
200
■ SML-M13YT
Yellow
587
590
593
160
■ SML-M13MT
Yellowish
Green
68
2.2
569
572
575
25
45
■ SML-M13PT
Green
30
557
560
563
6.3
16
■ SMLM12BC7T
InGaN
Blue
66
20
-30 to +85
2.9
5
*1
100
465
470
475
5
-
36
5
■ SMLM12WBC7W
White
-40 to +100
10
(x, y) (0.30, 0.30)
56
100
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
Directivity (deg)
X–Y
X’–Y’
Same for
both directions
*1: Duty1/10 1KHz *2: Reference
Specifications
Dimensions
Viewing Angle
Recommended Solder Pattern
SML-M1 Series
Features
・Compact LED with reflector
・Die is located at the center of the package,achieving
equivalent distribution of light emission.
・New emitting color,including the pastel colors available upon
request.
20125(0805)
2.0×1.25mm(t=0.8mm)
HB
GB
CB
AB
SB
Warm
White
1/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Similar Part No. - SML-M12DWT87P

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-M13DT ROHM-SML-M13DT Datasheet
479Kb / 12P
Compact LED with reflector
SML-M13MT ROHM-SML-M13MT Datasheet
479Kb / 12P
Compact LED with reflector
SML-M13PT ROHM-SML-M13PT Datasheet
479Kb / 12P
Compact LED with reflector
SML-M13UT ROHM-SML-M13UT Datasheet
479Kb / 12P
Compact LED with reflector
SML-M13VT ROHM-SML-M13VT Datasheet
479Kb / 12P
Compact LED with reflector
More results

Similar Description - SML-M12DWT87P

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
96-22SYGC EVERLIGHT-96-22SYGC Datasheet
114Kb / 6P
High Performance with Reflector LED
96-22UBC EVERLIGHT-96-22UBC Datasheet
96Kb / 6P
High performance SMD LED with Reflector
96-22SUBC EVERLIGHT-96-22SUBC Datasheet
118Kb / 6P
High performance SMD LED with Reflector
logo
Roithner LaserTechnik G...
TOLATB004 ROITHNER-TOLATB004 Datasheet
344Kb / 2P
Reflector LED
TOLATG004 ROITHNER-TOLATG004 Datasheet
229Kb / 2P
Reflector LED
TOLATR002 ROITHNER-TOLATR002 Datasheet
233Kb / 2P
Reflector LED
logo
Rohm
SML-M13VT ROHM-SML-M13VT Datasheet
479Kb / 12P
Compact LED with reflector
logo
ams AG
LAT67F.01 AMSCO-LAT67F.01 Datasheet
1Mb / 22P
SMT LED with integrated reflector.
Version 1.2 2023-07-20
LRT67F.01 AMSCO-LRT67F.01 Datasheet
1Mb / 21P
SMT LED with integrated reflector.
Version 1.2 2023-07-25
LST67F.01 AMSCO-LST67F.01 Datasheet
1Mb / 22P
SMT LED with integrated reflector.
Version 1.3 2023-07-24
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com