Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML-R13DWT87P Datasheet(PDF) 2 Page - Rohm

Part # SML-R13DWT87P
Description  Ultra compact, thin side-view type LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-R13DWT87P Datasheet(HTML) 2 Page - Rohm

  SML-R13DWT87P Datasheet HTML 1Page - Rohm SML-R13DWT87P Datasheet HTML 2Page - Rohm SML-R13DWT87P Datasheet HTML 3Page - Rohm SML-R13DWT87P Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FORWARD VOLTAGE:VF (V)
100
10
2.0
2.5
1.5
1.0
3.0
1
Ta=25°C
SML-R12V8T
SML-R12U8T
SML-R12D8T
SML-R12Y8T
SML-R12M8T
SML-R12P8T
PEAK FORWARD CURRENT:IF (mA)
0
5
10
15
20
0
0.8
0.6
0.4
0.2
1.0
1.2
Ta=25°C
AMBIENT TEMPERATURE:Ta (°C)
30
20
10
-40
-20
0
20
40
60
80
100
0
ATMOSPHERE TEMPERATURE:Ta (
°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
SML-R12V8T
SML-R12U8T
SML-R12D8T
SML-R12Y8T
SML-R12M8T
SML-R12P8T
SML-R12V8T
SML-R12U8T
SML-R12D8T
SML-R12Y8T
SML-R12M8T
SML-R12P8T
SML-R12V8T
SML-R12U8T
SML-R12D8T
SML-R12Y8T
SML-R12M8T
SML-R12P8T
FORWARD VOLTAGE:VF (V)
2.0
2.5
3.0
3.5
4.0
Ta=25°C
100
10
1
ATMOSPHERE TEMPERATURE:Ta (
°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=5mA
4.0
3.0
1.0
2.0
0
FORWARD CURRENT:IF (mA)
0
5
10
15
20
Ta=25°C
AMBIENT TEMPERATURE:Ta (°C)
30
25
20
15
10
5
-40
-20
0
20
40
60
80
100
0
SMLR13BDT
SMLR13WBDW
SMLR13BDT
SMLR13WBDW
SMLR13BDT
SMLR13WBDW
SMLR13BDT
SMLR13WBDW
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
SML-R1 Series
2/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com