Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML-R12YWT87P Datasheet(PDF) 3 Page - Rohm

Part # SML-R12YWT87P
Description  Ultra compact, thin side-view type LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-R12YWT87P Datasheet(HTML) 3 Page - Rohm

  SML-R12YWT87P Datasheet HTML 1Page - Rohm SML-R12YWT87P Datasheet HTML 2Page - Rohm SML-R12YWT87P Datasheet HTML 3Page - Rohm SML-R12YWT87P Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SML-R1 Series
Rank Reference of Brightness
Red (V, U)
Yellow (Y)
Green (M, P)
Orange (D)
Blue (B)
White (WB)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10
10 to 16
16 to 25
25 to 40
40 to 63
63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Side View
Chip LEDs
16115
0.2
SML-R12V8T
SML-R12U8T
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10
10 to 16
16 to 25
25 to 40
40 to 63
63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Side View
Chip LEDs
16115
0.2
SML-R12Y8T
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10
10 to 16
16 to 25
25 to 40
40 to 63
63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Side View
Chip LEDs
16115
0.2
SML-R12D8T
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
0.9 to 1.4 1.4 to 2.2 2.2 to 3.6 3.6 to 5.6 5.6 to 9.0
9 to 14
14 to 22
22 to 36
36 to 56
56 to 90
90 to 140
140 to 220
220 to 360
360 to 560
560 to 900
Side View
Chip LEDs 16115
0.2
SMLR13BDT
Package
size
(mm)
Luminous
Intensity
(mcd)
Height(mm)
P
Q
R
S
T
U
V
W
25 to 36
36 to 56
56 to 90
90 to 140
140 to 220
220 to 360
360 to 560
560 to 900
Side View
Chip LEDs 1810
0.2
SMLR13WBDW
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
0.63 to 1.0 1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63
63 to 100
100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1800
Side View
Chip LEDs 16115
0.2
SML-R12M8T
SML-R12P8T
Part No. Construction
Packing Specification
Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S M L
R 1 2 M
T
P
T 8 6
Special Code will be applied for
Emitting color W/B/E series.
Chromaticity rank(for white LED)
“−” will be taken out for emitting color
W/B/E series.
Series name
Package name Chip Type
Emitting Color Resin Color
Taping Specifications
Rank sign (Brightness Rank)∗
V
U
2 High Brightness Type
3 Ultra High Brightness Type
D
Y
M
P
B
WB
T Transparent Colorless
W MilkyWhite
Red:630nm
Red:620nm
Orange:605nm
Yellow:587(590)nm
Yellowish-Green:572nm
Green:560nm
Blue:470nm
White
T86
T87
1
Cathode at sprocket hole side
For white LED, cathode at sprocket hole side
Reverse of T86
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
(Ta=25˚C, IF=5mA)
(Ta=25˚C, IF=5mA)
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=20mA)
3/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com