Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCT_AS Datasheet(PDF) 2 Page - Rohm

Part # TCT_AS
Description  Chip tantalum capacitors (Bottom surface electrode type)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCT_AS Datasheet(HTML) 2 Page - Rohm

  TCT_AS Datasheet HTML 1Page - Rohm TCT_AS Datasheet HTML 2Page - Rohm TCT_AS Datasheet HTML 3Page - Rohm TCT_AS Datasheet HTML 4Page - Rohm TCT_AS Datasheet HTML 5Page - Rohm TCT_AS Datasheet HTML 6Page - Rohm TCT_AS Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/6
www.rohm.com
○
c
2010 ROHM Co., Ltd. All rights reserved.
2010.02 - Rev.G
Data Sheet
TCT Series AS Case
Rated table
Rated voltage (V)
∗ Under development
(
μF)
4
0G
2.5
0E
10 (106)
15 (156)
22 (226)
33 (336)
47 (476)
68 (686)
100 (107)
1.0 (105)
1.5 (155)
2.2 (225)
3.3 (335)
4.7 (475)
6.8 (685)
150 (157)
6.3
0J
10
1A
16
1C
20
1D
25
1E
35
1V
AS
AS
AS
AS
AS
AS
AS
AS
AS
AS
220 (227)
AS ∗
AS
AS
∗
AS ∗
AS ∗
AS ∗
AS ∗
AS ∗
∗
AS
Marking
A s
A s
The indications listed below should be given on the surface of a capacitor.
(1) Polarity
: The polarity should be shown by
bar. (on the anode side)
(2) Rated DC voltage : Due to the small size of AS case, a voltage code is used as shown below.
(3) Visual typical example
(1) voltage code
(2) capacitance code
Voltage
Code
Rated DC
Voltage (V)
Capacitance
Code
Nominal
Capacitance (
μF)
[AS case]
note 1)
note 2) voltage code and capacitance code are variable with parts number
−
(1)
A
−
(2)
s
g
j
A
E
V
4
e
2.5
6.3
10
C
D
16
20
25
35
a
A
E
J
N
S
W
e
j
n
10
15
22
33
s47
w68
100
a
150
e
220
1.0
1.5
2.2
3.3
4.7
6.8
j
manufacture code




Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com