Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCR03EWPJSJS Datasheet(PDF) 3 Page - Rohm

Part # UCR03EWPJSJS
Description  Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UCR03EWPJSJS Datasheet(HTML) 3 Page - Rohm

  UCR03EWPJSJS Datasheet HTML 1Page - Rohm UCR03EWPJSJS Datasheet HTML 2Page - Rohm UCR03EWPJSJS Datasheet HTML 3Page - Rohm UCR03EWPJSJS Datasheet HTML 4Page - Rohm UCR03EWPJSJS Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
www.rohm.com
○
c
2010 ROHM Co., Ltd. All rights reserved.
2010.07 - Rev.A
Data Sheet
UCR03
Dimensions (Unit : mm)
Material
No.
Alumina substrate
Silver thick film electrode
Resistive element
Overcoating
Nickel-chrome electrode
Nickel electrode
Copper electrode
Sn electrode
1
2
3
4
5
7
6
8
(The surface)
(The back)
(The cross section)
0.020
Ω R 0.050Ω
< <
1.6
±0.1
1.6
±0.1
0.050
Ω R 0.91Ω
< <
1.6
±0.1
1.6
±0.1
(The surface)
(The back)
(The cross section)
0.45
±0.2
4
7
6
5
8
2
2
1
3
0.45
±0.2
4
7
6
5
8
2
2
1
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com