Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTS635SLSMTRLFS Datasheet(PDF) 3 Page - C&K Components

Part # PTS635SLSMTRLFS
Description  3,5 mm Tact Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PTS635SLSMTRLFS Datasheet(HTML) 3 Page - C&K Components

  PTS635SLSMTRLFS Datasheet HTML 1Page - C&K Components PTS635SLSMTRLFS Datasheet HTML 2Page - C&K Components PTS635SLSMTRLFS Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B–68
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B
OPTION
HEIGHT “H” or
CODE
LENGTH “L”
TERMINATION
SCHEMATIC
43
4,3 (.169)
Thru-hole
50
5,0 (.197)
Thru-hole
31
3,15 (.124)
Vertical
39
3,85 (.151)
Vertical
ACTUATION FORCE
ACTUATOR HEIGHT
OPTION
CODE
FORCE
L
130 grams
H
200 grams
1
2
1
2
34
PTS635 Series
3,5 mm Tact Switches
INSERTION TYPE
DIRECTION OF FEED
2,72±0,1
(0,107±0,003)
4,0
(0,157)
8
(0,315)
12
(0,472)
2
(0,079)
Ø1,5
(Ø0,59)
SMT 25
5,2±0,1
(0,205±0,003)
4,0
(0,157)
12,0
(0,472)
2,0 TYP
(0,079)
ø1,5
(ø0,59)
DIRECTION OF FEED
SMT 43



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com