Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTS645LSMTRLFS Datasheet(PDF) 3 Page - C&K Components

Part # PTS645LSMTRLFS
Description  6 mm Tact Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PTS645LSMTRLFS Datasheet(HTML) 3 Page - C&K Components

  PTS645LSMTRLFS Datasheet HTML 1Page - C&K Components PTS645LSMTRLFS Datasheet HTML 2Page - C&K Components PTS645LSMTRLFS Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B–69
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B
ACTUATION FORCE
OPTION
CODE
FORCE
L
130 grams
M
160 grams
H
200 grams
K
260 grams
OPTION
HEIGHT “H” or
SCHEMATIC
CODE
LENGTH “L”
TERMINATION
Without EMC pin
With EMC pin
43
4,3 (.169)
Thru-hole and SMT
50
5,0 (.197)
Thru-hole and SMT
70
7,0 (.275)
Thru-hole
95
9,5 (.374)
Thru-hole
31
3,15 (.124)
Vertical
39
3,85 (.151)
Vertical
58
5,85 (.230)
Vertical
83
8,35 (.329)
Vertical
15
15,85 (.624)
Vertical
ACTUATOR HEIGHT
13
1
3
4
2
1
34
2
PTS645 Series
6 mm Tact Switches
43
50
70
95
31
39
58
ø3,5
(.138)
“H”
ø3,5
(.138)
ø3,3
(.130)
“H”
ø3,5
(.138)
ø3,0
(.118)
“H”
“L”
ø3,3
(.130)
ø3,5
(.138)
“L”
ø3,3
(.130)
ø3,5
(.138)
ø3,0
(.118)
ø3,5
(.138)
“L”
ø3,0
(.118)
ø3,5
(.138)
“L”
ø3,5
(.138)
“H”
“L”
15
83



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com