Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS202011CQN Datasheet(PDF) 4 Page - C&K Components

Part # JS202011CQN
Description  Sub-Miniature Slide Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

JS202011CQN Datasheet(HTML) 4 Page - C&K Components

  JS202011CQN Datasheet HTML 1Page - C&K Components JS202011CQN Datasheet HTML 2Page - C&K Components JS202011CQN Datasheet HTML 3Page - C&K Components JS202011CQN Datasheet HTML 4Page - C&K Components JS202011CQN Datasheet HTML 5Page - C&K Components JS202011CQN Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
12
C
3
2
[.079]
3,5
[.138]
8,5
[.335]
3,5
[.138]
1,5
± 0,1
[ .059 ± .004
]
3
[.1
1
8]
3X 0,5
[.020
]
2,5
[.098
]
2,5
[.098
]
3,2
[.126
]
3X 0,3
[.012
]
1,5
± 0,1
[ .059 ± .004
]
2
[.079
]
2,5
[.098
]
2,5
[.098
]
3,2
[.126
]
3X ø 0,8
[.031
]
TERMINAL NO. 1
(3)
(1)
(2)
TRAVEL
a
b
(1)
(3)
C&K
(2)
PCB LAYOUT RECOMMENDED
SCHEMATIC
45˚ X 0,2
[.
008]
CHAMFER
JS Series
Sub-Miniature Slide Switches
RIGHT ANGLE SURFACE MOUNT
Part Number
JS102011SAQN
SPDT
Shown in position 1
Available in tape & reel
only, see page I-54
PCB MOUNT - HOLE LAYOUT
13
2
C
CIRCUIT DIAGRAM
C: COMMON PIN
TERMINAL No. 1
2X 0.035
(2X 0,9)
b
TRAVEL
(2,0)
0.079
a
0.354
(9,0)
0.024
(0,6)
TYP
0.098
TYP
(2,5)
0.138
(3,5)
0.335
(8,5)
0.012
(0,3) TYP
0.047
(1,2)
TYP
0.098
(2,5)
TYP
0.012 MAX
(0,30)
0.099
(2,50)
0.079
(2,0)
0.059±.002
(1,5±0,05)
0.267
(6,8)
0.031
(0,8)
0.031
+.000
-.004
(0,8+0/-0,1)
0.148
(3,75)
0.138
(3,5)
0.157
(4,0)
0.267
(6,8)
C&K
C&K
Part Number
JS102011CQN
SPDT
Shown in position 1
CONTACT RATING: 6 VDC @ 0.3A
ELECTRICAL LIFE: 5,000 make-and-break cycles.
CONTACT RATING: 30 VDC @ 0.1A
ELECTRICAL LIFE: 15,000 make-and-break cycles.
CONTACT RATING: 6 VDC @ 0.3A
ELECTRICAL LIFE: 5,000 make-and-break cycles.
CONTACT RATING: 30 VDC @ 0.1A
ELECTRICAL LIFE: 15,000 make-and-break cycles.
I–52
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
I



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com